Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12022LVBP Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC12022LVBP
Description  MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12022LVBP Datasheet(HTML) 6 Page - Motorola, Inc

  MC12022LVBP Datasheet HTML 1Page - Motorola, Inc MC12022LVBP Datasheet HTML 2Page - Motorola, Inc MC12022LVBP Datasheet HTML 3Page - Motorola, Inc MC12022LVBP Datasheet HTML 4Page - Motorola, Inc MC12022LVBP Datasheet HTML 5Page - Motorola, Inc MC12022LVBP Datasheet HTML 6Page - Motorola, Inc MC12022LVBP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC12022LVA MC12022LVB
6
MOTOROLA RF/IF DEVICE DATA
P SUFFIX
PLASTIC PACKAGE
CASE 626–05
ISSUE K
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
(SO–8)
ISSUE T
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
–A–
–B–
–T–
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
–––
10
–––
10
N
0.76
1.01
0.030
0.040
__
OUTLINE DIMENSIONS
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Similar Part No. - MC12022LVBP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC120228BP MOTOROLA-MC120228BP Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AD MOTOROLA-MC12022AD Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AP MOTOROLA-MC12022AP Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022B MOTOROLA-MC12022B Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
More results

Similar Description - MC12022LVBP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
   첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com