Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5843AB4CB-M5T1S Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5843AB4CB-M5T1S
Description  TEMPERATURE SWITCH IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5843AB4CB-M5T1S Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5843AB4CB-M5T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 10Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 11Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 12Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 13Page - Seiko Instruments Inc S-5843AB4CB-M5T1S Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S-5843A Series
Rev.2.2_01
10
Standard Circuit
RT
VDD
VSS
DET
S-5843A Series
Open
R*1
100 k
Ω
CL
0.1
μF
CIN
0.1
μF
*1.
Resistor (R) is unnecessary for the CMOS output product.
Figure 8
Caution The above connection diagram will not guarantee successful operation. Perform thorough evaluation
using actual application to set the constant.
Precautions
If power impedance is high, the S-5843A Series may malfunction due to voltage drop caused by feed-through
current. Set wire patterns carefully for lower power impedance.
The S-5843A Series sets the noise suppression time to prevent false detection and false release operations,
however, the S-5843A Series may be affected by these operations under the condition with constant power supply
noise. Use the S-5843A Series with a sufficiently stable power supply.
It is recommended to set a capacitor (CIN) of 0.1
μF or more between the VDD pin and VSS pin for stabilization.
It is recommended to set a capacitor (CL) of about 0.1
μF for the DET pin to prevent malfunction caused by the
noise when the power supply is applied.
The S-5843A Series may oscillate by setting a capacitor to the RT pin. Set the RT pin open in use.
Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products, including this IC, of patents owned by a third party.


Similar Part No. - S-5843AB4CB-M5T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5843AB4CB-M5T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com