Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1812 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1812
Description  LCD Segment / Common Driver with Controller CMOS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1812 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SOLOMON
SSD1812
9
REV 1.2
12/99
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=1.8 to 3.5V, TA=25°C; unless otherwise specified.)
* The formula for the temperature coefficient is:
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIH1
VIL1
Input high voltage
(RES, D0-D7,R/W(WR), D/C)
Input Low voltage
(RES, CS1,CS2, D0-D7, R/W(WR), D/C, S/P)
0.8*VDD
0
-
-
VDD
0.2*VDD
V
V
VL2
VL3
VL4
VL5
VL6
VL2
VL3
VL4
VL5
VL6
VL2
VL3
VL4
VL5
VL6
LCD Display Voltage Output
(VL2, VL3, VL4, VL5, VL6 Pins)
LCD Display Voltage Output
(VL2, VL3, VL4, VL5, VL6 Pins)
LCD Display Voltage Input
(VL2, VL3,VL4, VL5, VL6 Pins)
Voltage reference to VDD, Smart Bias Divider
Enabled, 1:6 bias ratio
Voltage reference to VDD, Smart Bias Divider
Enabled, 1:8 bias ratio
Voltage reference to VDD, External Voltage Gener-
ator, Smart Bias Divider Disabled
-
-
-
-
-
-
-
-
-
-
VL3
VL4
VL5
VL6
-12V
1/6*VL6
2/6*VL6
4/6*VL6
5/6*VL6
VL6
1/8*VL6
2/8*VL6
6/8*VL6
7/8*VL6
VL6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
VDD
VL2
VL3
VL4
VL5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
IOH
IOL
IOZ
Output High Current Source
(D0-D7)
Output Low Current Drain
(D0-D7)
Output Tri-state Current Drain Source
(D0-D7)
Vout=VDD-0.4V
Vout=0.4V
50
-
-1
-
-
-
-
-50
1
µA
µA
µA
IIL/IIH
Input Current
(RES, D0-D7, R/W(WR), D/C, S/P)
-1
-
1
µA
CIN
Input Capacitance
(all logic pins)
-
5
7.5
pF
∆V
L6
Variation of VL6 Output (VDD is fixed)
Regulator
Enabled,
Internal
Contrast
Control
Enabled, Set Contrast Control Register = 0
-
±3
-
%
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTC6
PTC7
Temperature Coefficient Compensation
Flat Temperature Coefficient [POR]
Temperature Coefficient 1*
Temperature Coefficient 2*
Temperature Coefficient 3*
Temperature Coefficient 4*
Temperature Coefficient 5*
Temperature Coefficient 6*
Temperature Coefficient 7*
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
0
-0.075
-0.15
-0.20
-0.01
TBD
-0.10
TBD
-0.18
TBD
TBD
-0.25
-0.075
-0.15
-0.20
%/C
%/C
%/C
%/C
%/C
%/C
%/C
%/C
TC(%)=
Vref at 50°C - Vref at 0°C
50°C - 0°C
X
1
Vref at 25°C
X100%


Similar Part No. - SSD1812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1815 ETC-SSD1815 Datasheet
856Kb / 35P
   SEMICONDUCTOR TECHNICAL DATA
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1815BT ETC1-SSD1815BT Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1815BT2 ETC1-SSD1815BT2 Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1815BZ ETC1-SSD1815BZ Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
More results

Similar Description - SSD1812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
logo
List of Unclassifed Man...
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com