Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M401129 Datasheet(PDF) 1 Page - E-SWITCH

Part # M401129
Description  ALL DIMENSIONS IN MM[INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M401129 Datasheet(HTML) 1 Page - E-SWITCH

  M401129 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMTRIC
ISOMTRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1973BBLKRILIF1
1.5:1
8/1/2007
M401129
A
BF
1
1
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING:
6A @250VAC;9A @125VAC (UL, CSA, VDE)
4. LAMP VOLTAGE: 125V AC
5. MATERIAL:
CONTACT SURFACE: COIN SILVER, SILVER PLATE
TERMINAL: COPPER ALLOY W/SILVER PLATE.
6. CONTACT RESISTANCE: 20mILLIOHMS TYP. INITIAL
7. INSULATION RESISTANCE: 1000MEGAOHMS
8. DIELECTRIC STRENGTH:
>1500V RMS min. @SEA LEVEL
9. MECHANICAL LIFE: 30,000 CYCLES.
10. ELECTRICAL LIFE: 10,000 CYCLES
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
21.10
[.831 in]
14.00
[.551 in]
2.00
[.079 in]
8.00
[.315 in]
18.60
[.732 in]
10.20
[.402 in]
1.00
[.039 in]
4.00
[.157 in]
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.2-19.3
19.3-19.4
19.5-19.6
RECOMMENDED PANEL MOUNTING
X
12.85+0.05
A
17524
RELEASED FOR PRODUCTION
8/1/07
BF
RED ACTUATOR
BLACK HOUSING
15.10
[.594 in]
ON/OFF SYMBOL
MOLDED ONTO HOUSING
.80
[.031 in]
TYP.
2.50
[.098 in]
5.29
[.208 in]
4.71
[.185 in]
1
2
1a
2a
CIRCUIT: DPST
PARAMETERS
LAMP VOLTAGE(AC)
STARTUP VOLTAGE
CURRENT
SERIES RESISTANCE (125V)
SYMBOL
V
VS
I
R
MAX.
24
UNITS
V
V
mA
OMHS
INCANDESCENT
95
0.8
120
4.21
[.166 in]
4.75
[.187 in]
13.00
[.512 in]
5.50
[.217 in]
1.50
[.059 in]


Similar Part No. - M401129

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M401126 E-SWITCH-M401126 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
M401127 E-SWITCH-M401127 Datasheet
132Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
M401128 E-SWITCH-M401128 Datasheet
118Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

Similar Description - M401129

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com