Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2221L Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N2221L
Description  Radiation Hardened NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N2221L Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N2221L Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Radiation Hardened NPN Silicon Switching Transistors
Rev. V1
2N2221A, L, UA, UB &
2N2222A, L, UA, UB
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Qualified to MIL-PRF-19500/255
 Levels
JANSM-3K Rads (Si)
JAN
JANSD-10K Rads (Si) JANTX
JANSP-30K Rads (Si) JANTXV
JANSL-50K Rads (Si)
JAN
JANSR-100K Rads (Si)
 TO-18 (TO-206AA), Surface mount UA & UB
Packages
Applications
 Switching and Linear Applications
 DC and VHF Amplifier Applications
Electrical Specifications @ TA = 25°C
(Continued next page)
Parameter
Test Conditions
Symbol Units Minimum Maximum
Off Characteristics:
Collector - Emitter Breakdown
IC = 10 mAdc
V(BR)CEO
Vdc
50
Collector - Base Cutoff Current
VCB = 75 Vdc
VCB = 60 Vdc
ICBO1
ICBO2
µAdc
nAdc
10
10
Emitter - Base Cutoff Current
VEB = 6.0 Vdc
VEB = 4.0 Vdc
IEBO1
IEBO2
µAdc
nAdc
10
10
Collector - Emitter Cutoff Current
VCE = 50 Vdc
ICES
nAdc
50
On Characteristics1:
Forward Current Transfer Ratio
2N2221A, L, UA, UB
IC = 0.1 mAdc, VCE = 10 Vdc
IC = 1.0 mAdc, VCE = 10 Vdc
IC = 10.0 mAdc, VCE = 10 Vdc
IC = 150.0 mAdc, VCE = 10 Vdc
IC = 500.0 mAdc, VCE = 10 Vdc
2N2222A, L, UA, UB
IC = 0.1 mAdc, VCE = 10 Vdc
IC = 1.0 mAdc, VCE = 10 Vdc
IC = 10.0 mAdc, VCE = 10 Vdc
IC = 150.0 mAdc, VCE = 10 Vdc
IC = 500.0 mAdc, VCE = 10 Vdc
hFE
30
35
40
40
20
50
75
100
100
30
150
120
325
11
120
Collector - Base Cutoff Current
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
Vdc
0.3
1.0
Base - Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(sat)
Vdc
0.6
1.2
2.0
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle < 2%.


Similar Part No. - 2N2221L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2221 STMICROELECTRONICS-2N2221 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Siemens Semiconductor G...
2N2221 SIEMENS-2N2221 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2221 FAIRCHILD-2N2221 Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Central Semiconductor C...
2N2221 CENTRAL-2N2221 Datasheet
531Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N2221L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com