Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5732RSH1B-Y3Z3U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-5732RSH1B-Y3Z3U
Description  UNIPOLAR DETECTION TYPE HALL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732RSH1B-Y3Z3U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-5732RSH1B-Y3Z3U Datasheet HTML 1Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 2Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 3Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 4Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 5Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 6Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 7Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 8Page - Seiko Instruments Inc S-5732RSH1B-Y3Z3U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.1_00
S-5732 B Series
3
Product Name Structure
1. Product name
S-5732 x x x x B - Y3 x x U
Environmental code
U: Lead-free (Sn 100%), halogen-free
Pin shape
2:
Straight
3:
Forming
Packing specifications
B:
Bulk (500 pcs / bag)
Z:
Tape and ammo (2000 pcs / case)
Package abbreviation
Y3: TO-92S
Operation temperature
B:
Ta =
−40°C to +125°C
Magnetic sensitivity
1:
BOP = 3.0 mT typ.
2:
BOP = 6.0 mT typ.
Detection logic for magnetism
L:
Active "L"
H: Active "H"
Pole detection
S:
Detection of S pole
N: Detection of N pole
Output form
N: Nch open-drain output
R: Nch driver
+ built-in pull-up resistor
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Ammo Packing
TO-92S (Straight)
Bulk
YB003-A-P-SD
Tape and ammo
YC003-A-C-SD
YC003-A-Z-SD
TO-92S (Forming)
Bulk
YB003-B-P-SD
Tape and ammo
YC003-B-C-SD
YC003-B-Z-SD


Similar Part No. - S-5732RSH1B-Y3Z3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732RSH1I-Y3B2U SII-S-5732RSH1I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732RSH1I-Y3B3U SII-S-5732RSH1I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732RSH1I-Y3Z2U SII-S-5732RSH1I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732RSH1I-Y3Z3U SII-S-5732RSH1I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5732RSH1B-Y3Z3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com