Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4766 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4766 Datasheet HTML 1Page - National Semiconductor (TI) LM4766 Datasheet HTML 2Page - National Semiconductor (TI) LM4766 Datasheet HTML 3Page - National Semiconductor (TI) LM4766 Datasheet HTML 4Page - National Semiconductor (TI) LM4766 Datasheet HTML 5Page - National Semiconductor (TI) LM4766 Datasheet HTML 6Page - National Semiconductor (TI) LM4766 Datasheet HTML 7Page - National Semiconductor (TI) LM4766 Datasheet HTML 8Page - National Semiconductor (TI) LM4766 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes 4, 5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
CC|+|VEE|
(No Input)
78V
Supply Voltage |V
CC|+|VEE|
(with Input)
74V
Common Mode Input Voltage
(V
CC or VEE) and
|V
CC|+|VEE| ≤ 60V
Differential Input Voltage
60V
Output Current
Internally Limited
Power Dissipation (Note 6)
62.5W
ESD Susceptability (Note 7)
3000V
Junction Temperature (Note 8)
150˚C
Thermal Resistance
Non-Isolated T-Package
θ
JC
1˚C/W
Soldering Information
T Package
260˚C
Storage Temperature
−40˚C to +150˚C
Operating Ratings (Notes 4, 5)
Temperature Range
T
MIN ≤ TA ≤ TMAX
−20˚C
≤ T
A ≤ +85˚C
Supply Voltage |V
CC|+|VEE| (Note 1)
20V to 60V
Electrical Characteristics (Notes 4, 5)
The following specifications apply for V
CC = +30V, VEE = −30V, IMUTE = −0.5 mA with RL = 8Ω unless otherwise specified.
Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4766
Units
(Limits)
Typical
Limit
(Note 9)
(Note 10)
|V
CC| +
Power Supply Voltage
GND − V
EE ≥ 9V
18
20
V (min)
|V
EE|
(Note 11)
60
V (max)
P
O
Output Power
THD + N = 0.1% (max),
(Note 3)
(Continuous Average)
f = 1 kHz, f = 20 kHz
40
30
W/ch (min)
THD + N
Total Harmonic Distortion
30 W/ch, R
L = 8Ω,20Hz ≤ f ≤ 20 kHz
0.06
%
Plus Noise
A
V = 26 dB
X
talk
Channel Separation
f = 1 kHz, V
O = 10.9 Vrms
60
dB
SR
(Note 3)
Slew Rate
V
IN = 1.2 Vrms, trise = 2 ns
9
5
V/µs (min)
I
total
Total Quiescent Power
Both Amplifiers V
CM = 0V,
48
100
mA (max)
(Note 2)
Supply Current
V
O = 0V, IO = 0mA
V
OS
(Note 2)
Input Offset Voltage
V
CM = 0V, IO = 0 mA
1
10
mV (max)
I
B
Input Bias Current
V
CM = 0V, IO = 0 mA
0.2
1
µA (max)
I
OS
Input Offset Current
V
CM = 0V, IO = 0 mA
0.01
0.2
µA (max)
I
O
Output Current Limit
|V
CC| = |VEE| = 10V, tON = 10 ms,
4
3
Apk (min)
V
O = 0V
V
OD
Output Dropout Voltage
|V
CC–VO|, VCC = 20V, IO = +100 mA
1.5
4
V (max)
(Note 2)
(Note 12)
|V
O–VEE|, VEE = −20V, IO = −100 mA
2.5
4
V (max)
PSRR
Power Supply Rejection Ratio
V
CC = 30V to 10V, VEE = −30V,
125
85
dB (min)
(Note 2)
V
CM = 0V, IO = 0mA
V
CC = 30V, VEE = −30V to −10V
110
85
dB (min)
V
CM = 0V, IO = 0mA
CMRR
Common Mode Rejection Ratio
V
CC = 50V to 10V, VEE = −10V to −50V,
110
75
dB (min)
(Note 2)
V
CM = 20V to −20V, IO = 0mA
A
VOL
(Note 2)
Open Loop Voltage Gain
R
L = 2kΩ, ∆ VO = 40V
115
80
dB (min)
GBWP
Gain Bandwidth Product
f
O = 100 kHz, VIN = 50 mVrms
8
2
MHz (min)
e
IN
Input Noise
IHF — A Weighting Filter
2.0
8
µV (max)
(Note 3)
R
IN = 600Ω (Input Referred)
www.national.com
2


Similar Part No. - LM4766

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4766 NSC-LM4766 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766 TI-LM4766 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766T/NOPB TI-LM4766T/NOPB Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766TF/NOPB TI-LM4766TF/NOPB Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results

Similar Description - LM4766

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com