Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5841B60B-I6T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-5841B60B-I6T1U
Description  TEMPERATURE SWITCH IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5841B60B-I6T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-5841B60B-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5841B60B-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_01
S-5841 Series
5
3. Product name list
3. 1 SOT-23-5
Table 2
Product Name
Detection
Temperature (TDET)
DET Pin Output Form DET Pin Output Logic
Hysteresis
Temperature (THYS)
S-5841A55D-M5T1x
+55°C
Nch open drain
Active "L"
2
°C, 10°C
S-5841A65D-M5T1x
+65°C
Nch open drain
Active "L"
2
°C, 10°C
S-5841A75D-M5T1x
+75°C
Nch open drain
Active "L"
2
°C, 10°C
S-5841A85D-M5T1x
+85°C
Nch open drain
Active "L"
2
°C, 10°C
S-5841A95D-M5T1x
+95°C
Nch open drain
Active "L"
2
°C, 10°C
Remark1. Please contact our sales office for products other than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.
3. 2 SNT-6A
Table 3
Product Name
Detection
Temperature (TDET)
DET Pin Output Form DET Pin Output Logic
Hysteresis
Temperature (THYS)
S-5841A70A-I6T1U
+70°C
CMOS
Active "H"
0
°C, 2°C, 4°C, 10°C
S-5841A80A-I6T1U
+80°C
CMOS
Active "H"
0
°C, 2°C, 4°C, 10°C
S-5841A90A-I6T1U
+90°C
CMOS
Active "H"
0
°C, 2°C, 4°C, 10°C
S-5841A50D-I6T1U
+50°C
Nch open drain
Active "L"
0
°C, 2°C, 4°C, 10°C
Remark
Please contact our sales office for products other than those specified above.


Similar Part No. - S-5841B60B-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A50D-I6T1G SII-S-5841A50D-I6T1G Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1G SII-S-5841A55D-M5T1G Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A65D-M5T1G SII-S-5841A65D-M5T1G Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A70A-I6T1G SII-S-5841A70A-I6T1G Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5841B60B-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com