Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5841A60B-I6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5841A60B-I6T1U
Description  TEMPERATURE SWITCH IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5841A60B-I6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5841A60B-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-5841A60B-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S-5841 Series
Rev.2.2_01
10
2. Nch open drain output
2. 1 SOT-23-5
Table 9
(Ta =
+25°C, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Power supply voltage*1
VDD
TDET =
+55°C to +100°C
2.2
10.0
V
1
TDET =
+40°C to +54°C
2.6
10.0
V
1
Detection temperature
+TD
TDET
− 2.5 TDET TDET + 2.5
°C
1
Hysteresis of detection
temperature*2
THYS
Hysteresis option
HYS1
A
"H"
2
°C
1
"L"
10
°C
1
B
"H"
4
°C
1
"L"
10
°C
1
Output current
IDETL
VDET = 0.4 V, VDD = 3.0 V
0.5
2.3
mA
2
Leakage current
ILEAK
VDET = 10.0 V, VDD = 3.0 V
100
nA
2
Current consumption
during operation
IDD
VDD = 3.0 V
10
20
μA
1
HYS1 pin input voltage "H"
VIH1
0.8
× VDD
V
3
HYS1 pin input voltage "L"
VIL1
0.2
× VDD
V
3
HYS1 pin input current "H"
IIH1
VDD = 3.0 V, VHYS1 = 3.0 V
−0.1
0.1
μA
3
HYS1 pin input current "L"
IIL1
VDD = 3.0 V, VHYS1 = 0 V
−0.1
0.1
μA
3
*1.
The minimum operation voltages are as follows under the operation ambient temperature over
+100°C.
VDD = 2.3 V min. (Detection temperature =
+55°C to +100°C)
VDD = 2.7 V min. (Detection temperature =
+40°C to +54°C)
*2.
The hysteresis temperature can be set by the HYS1 pin.
These two types are selectable by option.
Hysteresis option A: 2
°C of hysteresis temperature during HYS1 = "H",
10
°C of hysteresis temperature during HYS1 = "L"
Hysteresis option B: 4
°C of hysteresis temperature during HYS1 = "H",
10
°C of hysteresis temperature during HYS1 = "L"
[Fahrenheit
⇔ Celsius Conversion equation]
°C = (°F − 32) × 5 / 9
°F = 32 + °C × 9 / 5


Similar Part No. - S-5841A60B-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5841A65D-M5T1G SII-S-5841A65D-M5T1G Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5841A60B-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com