Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5732NSH1B-Y3Z2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5732NSH1B-Y3Z2U
Description  UNIPOLAR DETECTION TYPE HALL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732NSH1B-Y3Z2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5732NSH1B-Y3Z2U Datasheet HTML 1Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 2Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 3Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 4Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 5Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 6Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 7Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 8Page - Seiko Instruments Inc S-5732NSH1B-Y3Z2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
S-5732 B Series
125°C OPERATION
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
UNIPOLAR DETECTION TYPE HALL IC
www.sii-ic.com
© SII Semiconductor Corporation, 2016
Rev.2.1_00
1
This IC, developed by CMOS technology, is a unipolar detection type Hall IC with high-withstand voltage, high-speed
detection and high-accuracy magnetic characteristics.
The output voltage changes when this IC detects the intensity level of magnetic flux density. Using this IC with a magnet
makes it possible to detect the open / close and rotation status in various devices.
This IC includes an output current limit circuit.
This IC is available in various systems by using the insertion TO-92S package.
Due to its high-accuracy magnetic characteristics, this IC can make operation's dispersion in the system combined with
magnet smaller.
SII Semiconductor Corporation offers a "magnetism simulation service" that provides the ideal combination of magnets and
our Hall ICs for customer systems. Our magnetism simulation service will reduce prototype production, development period
and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetism simulation service, contact our sales office.
Features
• Pole detection
*1:
Detection of S pole, detection of N pole
• Detection logic for magnetism
*1:
Active "L", active "H"
• Output form
*1:
Nch open-drain output
Nch driver
+ built-in pull-up resistor
• Magnetic sensitivity
*1:
BOP = 3.0 mT typ.
BOP = 6.0 mT typ.
• Chopping frequency:
fC = 250 kHz typ.
• Output delay time:
tD = 16.0
μs typ.
• Power supply voltage range:
VDD = 3.5 V to 26.0 V
• Built-in regulator
• Built-in output current limit circuit
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Home appliance
• DC brushless motor
• Housing equipment
• Industrial equipment
Packages
• TO-92S (Straight)
• TO-92S (Forming)


Similar Part No. - S-5732NSH1B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSH1I-Y3B2U SII-S-5732NSH1I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSH1I-Y3B3U SII-S-5732NSH1I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSH1I-Y3Z2U SII-S-5732NSH1I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSH1I-Y3Z3U SII-S-5732NSH1I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5732NSH1B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com