Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5732RNH2I-Y3B2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5732RNH2I-Y3B2U
Description  HIGH-WITHSTAND VOLTAGE HIGH-SPEED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732RNH2I-Y3B2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5732RNH2I-Y3B2U Datasheet HTML 3Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 4Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 5Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 6Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 7Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 8Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 9Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 10Page - Seiko Instruments Inc S-5732RNH2I-Y3B2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.1_00
S-5732 I Series
7
Magnetic Characteristics
1. Product with S pole detection
1. 1 Product with BOP = 3.0 mT typ.
Table 8
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOPS
1.2
3.0
4.8
mT
4
Release point
*2
S pole
BRPS
0.8
2.0
3.6
mT
4
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.0
mT
4
1. 2 Product with BOP = 6.0 mT typ.
Table 9
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOPS
3.0
6.0
9.0
mT
4
Release point
*2
S pole
BRPS
2.5
4.5
7.5
mT
4
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.5
mT
4
*1. BOPN, BOPS: Operation points
BOPN and BOPS are the values of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux
density applied to this IC by the magnet (N pole or S pole) is increased (by moving the magnet closer).
Even when the magnetic flux density exceeds BOPN or BOPS, VOUT retains the status.
*2. BRPN, BRPS: Release points
BRPN and BRPS are the values of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux
density applied to this IC by the magnet (N pole or S pole) is decreased (the magnet is moved further away).
Even when the magnetic flux density falls below BRPN or BRPS, VOUT retains the status.
*3. BHYSN, BHYSS: Hysteresis widths
BHYSN and BHYSS are the difference between BOPN and BRPN, and BOPS and BRPS, respectively.
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5732RNH2I-Y3B2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732RNH2B-Y3B2U SII-S-5732RNH2B-Y3B2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732RNH2B-Y3B3U SII-S-5732RNH2B-Y3B3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732RNH2B-Y3Z2U SII-S-5732RNH2B-Y3Z2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732RNH2B-Y3Z3U SII-S-5732RNH2B-Y3Z3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-5732RNH2I-Y3B2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com