Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5732NSL1B-Y3Z2U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-5732NSL1B-Y3Z2U
Description  UNIPOLAR DETECTION TYPE HALL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732NSL1B-Y3Z2U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-5732NSL1B-Y3Z2U Datasheet HTML 5Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 6Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 7Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 8Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 9Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 10Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 11Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 12Page - Seiko Instruments Inc S-5732NSL1B-Y3Z2U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.1_00
S-5732 B Series
9
S-5732
B Series
VDD
VSS
OUT
R
*1
820
Ω
V
C
20 pF
*1. Resistor (R) is unnecessary for Nch driver
+ built-in pull-up resistor product.
Figure 9 Test Circuit 5
Standard Circuit
S-5732
B Series
VDD
VSS
OUT
CIN
R
*1
820
Ω
0.1
μF
*1. Resistor (R) is unnecessary for Nch driver
+ built-in pull-up resistor product.
Figure 10
Caution The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.


Similar Part No. - S-5732NSL1B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSL1I-Y3B2U SII-S-5732NSL1I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3B3U SII-S-5732NSL1I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3Z2U SII-S-5732NSL1I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3Z3U SII-S-5732NSL1I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5732NSL1B-Y3Z2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com