Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5742NBH2I-Y3B2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5742NBH2I-Y3B2U
Description  HIGH-WITHSTAND VOLTAGE HIGH-SPEED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5742NBH2I-Y3B2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5742NBH2I-Y3B2U Datasheet HTML 3Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 4Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 5Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 6Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 7Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 8Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 9Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 10Page - Seiko Instruments Inc S-5742NBH2I-Y3B2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.2.1_00
S-5742 I Series
7
Magnetic Characteristics
1. Product with BOP = 1.8 mT typ.
Table 8
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOP
0.3
1.8
3.3
mT
4
Release point
*2
N pole
BRP
−3.3
−1.8
−0.3
mT
4
Hysteresis width
*3
BHYS
BHYS = BOP
− BRP
3.6
mT
4
2. Product with BOP = 3.0 mT typ.
Table 9
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOP
1.5
3.0
4.5
mT
4
Release point
*2
N pole
BRP
−4.5
−3.0
−1.5
mT
4
Hysteresis width
*3
BHYS
BHYS = BOP
− BRP
6.0
mT
4
3. Product with BOP = 6.0 mT typ.
Table 10
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOP
3.0
6.0
9.0
mT
4
Release point
*2
N pole
BRP
−9.0
−6.0
−3.0
mT
4
Hysteresis width
*3
BHYS
BHYS = BOP
− BRP
12.0
mT
4
*1. BOP: Operation point
BOP is the value of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux density applied
to this IC by the magnet (S pole) is increased (by moving the magnet closer).
VOUT retains the status until a magnetic flux density of the N pole higher than BRP is applied.
*2. BRP: Release point
BRP is the value of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux density applied
to this IC by the magnet (N pole) is increased (by moving the magnet closer).
VOUT retains the status until a magnetic flux density of the S pole higher than BOP is applied.
*3. BHYS: Hysteresis width
BHYS is the difference of magnetic flux density between BOP and BRP.
Remark The unit of magnetic flux density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5742NBH2I-Y3B2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBH2B-Y3B2U SII-S-5742NBH2B-Y3B2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH2B-Y3B3U SII-S-5742NBH2B-Y3B3U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH2B-Y3Z2U SII-S-5742NBH2B-Y3Z2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH2B-Y3Z3U SII-S-5742NBH2B-Y3Z3U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-5742NBH2I-Y3B2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com