Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5741RBH2B-M3T4U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-5741RBH2B-M3T4U
Description  HIGH-WITHSTAND VOLTAGE HIGH-SPEED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5741RBH2B-M3T4U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-5741RBH2B-M3T4U Datasheet HTML 2Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 3Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 4Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 5Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 6Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 7Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 8Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 9Page - Seiko Instruments Inc S-5741RBH2B-M3T4U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
125
°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-5741 B Series
Rev.1.0_00
6
Electrical Characteristics
Table 6
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
3.5
12.0
26.0
V
Current consumption
IDD
Nch open-drain output product
Average value
3.0
4.0
mA
1
Nch driver
+ built-in pull-up resistor product
Average value, VOUT = "H"
3.0
4.0
mA
1
Output voltage
VOUT
Nch open-drain output product
Output transistor Nch, VOUT = "L", IOUT = 10 mA
0.4
V
2
Nch driver
+ built-in pull-up resistor product
Output transistor Nch, VOUT = "L", IOUT = 10 mA
0.5
V
2
Output drop voltage
VD
Nch driver
+ built-in pull-up resistor product
VOUT = "H", VD = VDD
− VOUT
20
mV
2
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = "H" = 26.0 V
10
μA3
Output limit current
IOM
VOUT = 12.0 V
22
70
mA
3
Output delay time
tD
8.0
μs
Chopping frequency
fC
500
kHz
Start up time
tPON
20
μs
4
Output start up time
tR
Nch open-drain output product
C = 20 pF, R = 820
Ω
2.0
μs5
Nch driver
+ built-in pull-up resistor product
C = 20 pF
6.0
μs5
Output fall time
tF
C = 20 pF, R = 820
Ω
2.0
μs
5
Pull-up resistor
RL
Nch driver
+ built-in pull-up resistor product
7
10
13
k
Ω
BOP
BRP
Magnetic flux density
applied to this IC (B)
0
Output voltage (VOUT)
(Product with VOUT = "H"
at S pole detection)
Output voltage (VOUT)
(Product with VOUT = "L"
at S pole detection)
S pole
N pole
90%
10%
90%
10%
tD
tF
tD
tR
tD
tR
tD
tF
Figure 4 Operation Timing


Similar Part No. - S-5741RBH2B-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBH0B-Y3B2U SII-S-5742NBH0B-Y3B2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH0B-Y3B3U SII-S-5742NBH0B-Y3B3U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH0B-Y3Z2U SII-S-5742NBH0B-Y3Z2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH0B-Y3Z3U SII-S-5742NBH0B-Y3Z3U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5742NBH0I-Y3B2U SII-S-5742NBH0I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5741RBH2B-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com