Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5842ACAAM-M6T1y Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-5842ACAAM-M6T1y
Description  DUAL TRIP TEMPERATURE SWITCH IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5842ACAAM-M6T1y Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-5842ACAAM-M6T1y Datasheet HTML 1Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 2Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 3Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 4Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 5Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 6Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 7Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 8Page - Seiko Instruments Inc S-5842ACAAM-M6T1y Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DUAL TRIP TEMPERATURE SWITCH IC IC (THERMOSTAT IC)
Rev.2.3_01
S-5842A Series
5
3. Product name list
3. 1 SOT-23-6
Table 2
Product Name
Output Form
and Type
Option for Detection Temperature’s Spec
DETH Pin (for Higher Temperature)
DETL Pin (for Lower Temperature)
Detection
Temperature
(TDH)
Accuracy of
Detection
Temperature*1
Hysteresis
Temperature
(THYSH)
Output
Logic
Detection
Temperature
(TDL)
Accuracy of
Detection
Temperature*1
Hysteresis
Temperature
(THYSL)
Output
Logic
S-5842AAAAF-M6T1y
CMOS,
Separate
+95°C
−5°C
"L"
+55°C
±2.5°C
−5°C
"L"
S-5842AAAAG-M6T1y
CMOS,
Separate
+60°C
−5°C
"H"
0
°C
±2.5°C
+5°C
"L"
S-5842AAAAL-M6T1U
CMOS,
Separate
+45°C
±2.5°C
−2°C
"H"
0
°C
+2°C
"H"
S-5842AAAAN-M6T1y
CMOS,
Separate
+50°C
−5°C
"L"
+40°C
±2.5°C
−5°C
"L"
S-5842ACAAM-M6T1y
CMOS,
Integrate
+45°C
−2°C
"L"
0
°C
±2.5°C
−2°C
"L"
*1 Either of two detection temperatures (TDH, TDL), an accuracy of
±2.5°C is set only for the one that user specifies a higher
accuracy than the other (TDH, TDL).
Remark 1. Please contact our sales office for products other than those specified above. Refer to " Selection of Product
Option" for details.
2. y: S or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-5842ACAAM-M6T1y

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5842ACAAM-M6T1y

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
233Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
logo
Seiko Instruments Inc
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
logo
Maxim Integrated Produc...
MAX6506 MAXIM-MAX6506 Datasheet
241Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com