Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSM8W12A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # YSM8W12A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSM8W12A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSM8W12A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSM8W12A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSM8W12A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd YSM8W12A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
REV_02
Yea Shin Technology Co., Ltd.
Transient Voltage Suppressors
YSM8W Series
8 Watters TVS/Power Zener Diode
Transient Voltage Suppressors family
 Polarity: Heatsink is anode
Primary Characteristics
VWM
10 to 43 V
VBR
11.1 to 52.8 V
PPPM (10 x 1000 uS)
6600 W
PPPM (10 x 10000 uS)
5200 W
PD
8 W
IFSM
700 A
Polarity
Uni-directional
Diode variation
Single
Transient Voltage Suppressor (TVS) will effectively limit the transient voltage to a safe level. The
YSM8Wxxx series has been designed to protect sensitive automotive circuits against surges defined in
ISO7637-2/ISO16750-2 and against electrostatic discharges according ISO10605. The YSM8Wxxx
series device could compatible with high-end circuits where low leakage current and high junction
temperature are required to provide reliability and stability over time.
High current capability
Low Forward Voltage Drop
Low reverse current
Low thermal resistance
Excellent high temperature stability
Low power loss and high efficiency
High forward surge capability
Meets ISO7637-2 surge specification
Meets ISO16750-2 surge specification
Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
AEC-Q101 qualified
Features
DO-218
Pin Information
Marking Information
Application
High peak power
High-temperature
Clamping diode
Load switching and lighting
Mechanical Data
Case: DO-218 outline plastic package
Terminals: Matte tin plated, solderable per
MIL-STD-750, Method 2026,
J-STD-002 and
JESD 22-B102
Molding Compound Flammability Rating:UL94-0
High temperature soldering guaranteed: 260°C
10second
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Heatsink is anode
Corresponds to taping packages. (500PCS/Reel)


Similar Part No. - YSM8W12A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSM8W YEASHIN-YSM8W Datasheet
285Kb / 5P
   Transient Voltage Suppressors family
More results

Similar Description - YSM8W12A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com