Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5732NSL1B-Y3N2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5732NSL1B-Y3N2U
Description  UNIPOLAR DETECTION TYPE HALL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732NSL1B-Y3N2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5732NSL1B-Y3N2U Datasheet HTML 3Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 4Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 5Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 6Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 7Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 8Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 9Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 10Page - Seiko Instruments Inc S-5732NSL1B-Y3N2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.1_00
S-5732 B Series
7
Magnetic Characteristics
1. Product with S pole detection
1. 1 Product with BOP = 3.0 mT typ.
Table 8
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOPS
1.2
3.0
4.8
mT
4
Release point
*2
S pole
BRPS
0.8
2.0
3.6
mT
4
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.0
mT
4
1. 2 Product with BOP = 6.0 mT typ.
Table 9
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOPS
3.0
6.0
9.0
mT
4
Release point
*2
S pole
BRPS
2.5
4.5
7.5
mT
4
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.5
mT
4
*1. BOPN, BOPS: Operation points
BOPN and BOPS are the values of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux
density applied to this IC by the magnet (N pole or S pole) is increased (by moving the magnet closer).
Even when the magnetic flux density exceeds BOPN or BOPS, VOUT retains the status.
*2. BRPN, BRPS: Release points
BRPN and BRPS are the values of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux
density applied to this IC by the magnet (N pole or S pole) is decreased (the magnet is moved further away).
Even when the magnetic flux density falls below BRPN or BRPS, VOUT retains the status.
*3. BHYSN, BHYSS: Hysteresis widths
BHYSN and BHYSS are the difference between BOPN and BRPN, and BOPS and BRPS, respectively.
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5732NSL1B-Y3N2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSL1I-Y3B2U SII-S-5732NSL1I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3B3U SII-S-5732NSL1I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3Z2U SII-S-5732NSL1I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3Z3U SII-S-5732NSL1I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5732NSL1B-Y3N2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com