Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG25-BGA-2013 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG25-BGA-2013
Description  Easily removable swivel socket lid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG25-BGA-2013 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG25-BGA-2013 Datasheet HTML 1Page - Ironwood Electronics. SG25-BGA-2013 Datasheet HTML 2Page - Ironwood Electronics. SG25-BGA-2013 Datasheet HTML 3Page - Ironwood Electronics. SG25-BGA-2013 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A1
A
0.08 Z
0.10 Z
Z
D
E
X
Y
0.400
b
e
6.400
6.400
0.15 X Y
0.05
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
1.
Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
2.
Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
3.
Parallelism measurement shall exclude any effect of mark on top surface of package.
4.
17x17 array
Ironwood Package Code : BGA289H
DIM
MIN
MAX
A
0.50
2.5
A1
0.125
0.30
b
---
0.30
D
7.00 BSC
E
7.00 BSC
e
0.40 BSC
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible Device
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 9/11/15
Material: N/A
Finish: N/A
Weight: 9.79
SG25-BGA-2013 Drawing
SCALE: 7:1
SHEET: 3 OF 4
ENG: V. Panavala
FILE: SG25-BGA-2013
DRAWN BY: V. Panavala


Similar Part No. - SG25-BGA-2013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2014 IRONWOOD-SG25-BGA-2014 Datasheet
398Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2015 IRONWOOD-SG25-BGA-2015 Datasheet
439Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2016 IRONWOOD-SG25-BGA-2016 Datasheet
504Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2018 IRONWOOD-SG25-BGA-2018 Datasheet
363Kb / 4P
   Easily removable swivel socket lid
More results

Similar Description - SG25-BGA-2013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3009 IRONWOOD-GT-QFN-3009 Datasheet
306Kb / 4P
   Easily removable swivel socket lid
SG15-BGA-1000 IRONWOOD-SG15-BGA-1000 Datasheet
364Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2000 IRONWOOD-SG25-BGA-2000 Datasheet
367Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2002 IRONWOOD-SG25-BGA-2002 Datasheet
386Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2004 IRONWOOD-GT-BGA-2004 Datasheet
771Kb / 5P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com