Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG25-BGA-2000 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG25-BGA-2000
Description  Easily removable swivel socket lid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG25-BGA-2000 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG25-BGA-2000 Datasheet HTML 1Page - Ironwood Electronics. SG25-BGA-2000 Datasheet HTML 2Page - Ironwood Electronics. SG25-BGA-2000 Datasheet HTML 3Page - Ironwood Electronics. SG25-BGA-2000 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E
D
e
e
b
A1
0.15 M C A B
0.05 M C
A
B
A
A1
A
DETAIL A
SCALE 16 : 1
C
A1 corner
0.10 C
0.10 C
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to datum plane C.
4. Datum C (seating plane) is defined by the spherical crowns of the solder balls.
5. Parallelism measurement shall exclude any effect of mark on top surface of package.
Note: Full BGA pattern shown.
Please adjust pattern according
to individual requirements.
Ironwood package code: BGA1156B
DIM
Minimum
Maximum
A
1.59
A1
0.15
0.23
b
0.20
0.30
D
14.0 BSC
E
14.0 BSC
e
0.4
ARRAY
34x34
PIN COUNT
1156
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 1/10/2015
Material: Material <not specified>
Finish:
Weight: 17.17
SG25-BGA-2000 Drawing
SCALE: 5:1
SHEET: 3 OF 4
ENG: V. Panavala
FILE: SG25-BGA-2000
DRAWN BY: V. Panavala


Similar Part No. - SG25-BGA-2000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG25-BGA-2002 IRONWOOD-SG25-BGA-2002 Datasheet
386Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2003 IRONWOOD-SG25-BGA-2003 Datasheet
443Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2004 IRONWOOD-SG25-BGA-2004 Datasheet
462Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2005 IRONWOOD-SG25-BGA-2005 Datasheet
504Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2006 IRONWOOD-SG25-BGA-2006 Datasheet
495Kb / 4P
   Easily removable swivel socket lid
More results

Similar Description - SG25-BGA-2000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3009 IRONWOOD-GT-QFN-3009 Datasheet
306Kb / 4P
   Easily removable swivel socket lid
SG15-BGA-1000 IRONWOOD-SG15-BGA-1000 Datasheet
364Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2002 IRONWOOD-SG25-BGA-2002 Datasheet
386Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2004 IRONWOOD-GT-BGA-2004 Datasheet
771Kb / 5P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com