Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4765 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM4765
Description  Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM4765 Datasheet(HTML) 1 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4765
Overture
Audio Power Amplifier Series Dual 30W Audio Power
Amplifier with Mute and Standby Modes
General Description
The LM4765 is a stereo audio amplifier capable of delivering
typically 30W per channel of continuous average output
power into an 8
Ω load with less than 0.1% (THD + N).
Each amplifier has an independent smooth transition fade-in/
out mute and a power conserving standby mode which can
be controlled by external logic.
The performance of the LM4765, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe) Protection Cir-
cuitry, places it in a class above discrete and hybrid amplifi-
ers by providing an inherently, dynamically protected Safe
Operating Area (SOA). SPiKe Protection means that these
parts are safeguarded at the output against overvoltage, un-
dervoltage, overloads, including thermal runaway and in-
stantaneous temperature peaks.
Key Specifications
j THD+N at 1 kHz at 2 x 25W continuous average
output power into 8
Ω:
0.1% (max)
j THD+N at 1 kHz at continuous average
output power of 2 x 30W into 8
Ω:
0.009% (typ)
j Standby current:
6.5 mA (typ)
Features
n SPiKe Protection
n Minimal amount of external components necessary
n Quiet fade-in/out mute mode
n Standby-mode
n Non-Isolated 15-lead TO-220 package
Applications
n High-end stereo TVs
n Component stereo
n Compact stereo
Typical Application
Note: Numbers in parentheses represent pinout for amplifier B.
*Optional component dependent upon specific design requirements.
Connection Diagram
SPiKeProtection and Overtureare trademarks of National Semiconductor Corporation.
DS100927-1
FIGURE 1. Typical Audio Amplifier Application Circuit
Plastic Package
DS100927-2
Top View
Non-Isolated Package
Order Number LM4765T
See NS Package Number TA15A
August 1998
© 1999 National Semiconductor Corporation
DS100927
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn