Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3392 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC3392
Description  LOW SIDE PROTECTED SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3392 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC3392 Datasheet HTML 4Page - Motorola, Inc MC3392 Datasheet HTML 5Page - Motorola, Inc MC3392 Datasheet HTML 6Page - Motorola, Inc MC3392 Datasheet HTML 7Page - Motorola, Inc MC3392 Datasheet HTML 8Page - Motorola, Inc MC3392 Datasheet HTML 9Page - Motorola, Inc MC3392 Datasheet HTML 10Page - Motorola, Inc MC3392 Datasheet HTML 11Page - Motorola, Inc MC3392 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC3392
11
MOTOROLA ANALOG IC DEVICE DATA
OUTLINE DIMENSIONS
DW SUFFIX
PLASTIC PACKAGE
CASE 751G–02
SOP(8+8)L
ISSUE A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
10.15
10.45
0.400
0.411
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
M
B
M
0.010 (0.25)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
8X
G
14X
D
16X
SEATING
PLANE
–T–
S
A
M
0.010 (0.25)
B S
T
16
9
8
1
F
J
R X 45
_
__
__
M
C
K


Similar Part No. - MC3392

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33926PNB NXP-MC33926PNB Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC33926PNB/R2 FREESCALE-MC33926PNB/R2 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

Similar Description - MC3392

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7243SL INFINEON-TLE7243SL Datasheet
635Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7244SL INFINEON-TLE7244SL Datasheet
634Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Diodes Incorporated
BSP75G DIODES-BSP75G Datasheet
756Kb / 8P
   60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
   60V self-protected low-side IntelliFETTM MOSFET switch
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
   60V self-protected low-side IntellifetTM MOSFET switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com