Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP53438 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP53438
Description  IR Receiver Modules for Remote Control Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP53438 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP53438 Datasheet HTML 1Page - Vishay Siliconix TSOP53438 Datasheet HTML 2Page - Vishay Siliconix TSOP53438 Datasheet HTML 3Page - Vishay Siliconix TSOP53438 Datasheet HTML 4Page - Vishay Siliconix TSOP53438 Datasheet HTML 5Page - Vishay Siliconix TSOP53438 Datasheet HTML 6Page - Vishay Siliconix TSOP53438 Datasheet HTML 7Page - Vishay Siliconix TSOP53438 Datasheet HTML 8Page - Vishay Siliconix TSOP53438 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TSOP532.., TSOP534..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 22-Jul-16
5
Document Number: 82743
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
This series is designed to suppress spurious output pulses
due to noise or disturbance signals. The devices can
distinguish data signals from noise due to differences in
frequency, burst length, and envelope duty cycle. The data
signal should be close to the device’s band-pass center
frequency (e.g. 38 kHz) and fulfill the conditions in the table
below.
When a data signal presented to the device in the
presence of a disturbance, the sensitivity of the receiver is
automatically reduced by the AGC to insure that no spurious
pulses are present at the receiver’s output. Some examples
which are suppressed are:
• DC light (e.g. from tungsten bulbs sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated patterns from fluorescent
lamps with electronic ballasts (see Fig. 13 or Fig. 14).
• 2.4 GHz and 5 GHz Wi-Fi
Fig. 13 - IR Disturbance from Fluorescent Lamp
with Low Modulation
Fig. 14 - IR Disturbance from Fluorescent Lamp
with High Modulation
Note
• For data formats with short bursts please see the datasheet for TSOP531.., TSOP533.., TSOP535..
010
15
20
Time (ms)
16920
5
010
15
20
Time (ms)
16921
5
TSOP532..
TSOP534..
Minimum burst length
10 cycles/burst
10 cycles/burst
After each burst of length
a minimum gap time is required of
10 to 70 cycles
≥ 12 cycles
10 to 35 cycles
≥ 12 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 4 x burst length
35 cycles
> 10 x burst length
Maximum number of continuous short bursts/second
800
1300
NEC code
Yes
Preferred
RC5/RC6 code
Yes
Preferred
Thomson 56 kHz code
Yes
Preferred
Sharp code
Yes
Preferred
Suppression of interference from fluorescent lamps
Mild disturbance patterns
are suppressed (example:
signal pattern of Fig. 13)
Complex and critical disturbance patterns
are suppressed (example: signal pattern
of Fig. 14 or highly dimmed LCDs)


Similar Part No. - TSOP53438

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP53438 VISHAY-TSOP53438 Datasheet
489Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
More results

Similar Description - TSOP53438

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com