Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54FXXXJ Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC54FXXXJ
Description  DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54FXXXJ Datasheet(HTML) 2 Page - Motorola, Inc

  MC54FXXXJ Datasheet HTML 1Page - Motorola, Inc MC54FXXXJ Datasheet HTML 2Page - Motorola, Inc MC54FXXXJ Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-43
FAST AND LS TTL DATA
MC54/74F109
Q
SD
Q
K
CP
CD
LOGIC DIAGRAM (one half shown)
NOTE:
This diagram is provided only for the understanding of logic operations
and should not be used to estimate propagation delays.
J
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
54
0
25
70
IOH
Output Current — High
54, 74
–1.0
mA
IOL
Output Current — Low
54, 74
20
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
54, 74
2.5
3.4
V
IOH = –1.0 mA
VCC = 4.50 V
74
2.7
3.4
V
IOH = –1.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 20 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VIN = 2.7 V
VCC = MAX
100
µA
VIN = 7.0 V
IIL
Input LOW Current
(J, K and CP Inputs)
–0.6
mA
VIN = 0.5 V
VCC = MAX
(CD and SD Inputs)
–1.8
mA
IOS
Output Short Circuit Current (Note 2)
–60
–150
mA
VOUT = 0 V
VCC = MAX
ICC
Power Supply Current
11.7
17
mA
VCP = 0 V
VCC = MAX
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under guaranteed operating ranges.
2. Not more than one output should be shorted at a time, nor for more than 1 second.


Similar Part No. - MC54FXXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
68Kb / 2P
   8-INPUT MULTIPLEXER
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
67Kb / 3P
   DUAL 4-INPUT DUAL 4-INPUT
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
91Kb / 3P
   8-LINE TO 3-LINE PRIORITY ENCODER FAST SHOTTKY TTL
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC54FXXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com