Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41696D5338Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41696D5338Q001
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41696D5338Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41696D5338Q001 Datasheet HTML 4Page - TDK Electronics B41696D5338Q001 Datasheet HTML 5Page - TDK Electronics B41696D5338Q001 Datasheet HTML 6Page - TDK Electronics B41696D5338Q001 Datasheet HTML 7Page - TDK Electronics B41696D5338Q001 Datasheet HTML 8Page - TDK Electronics B41696D5338Q001 Datasheet HTML 9Page - TDK Electronics B41696D5338Q001 Datasheet HTML 10Page - TDK Electronics B41696D5338Q001 Datasheet HTML 11Page - TDK Electronics B41696D5338Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
40
°C
A
IAC,max
10 kHz
105
°C
A
IAC,R
10 kHz
125
°C
A
VR =25VDC
1100
12
× 30
107
830
63
61
7.0
4.3
2.1
1300
14
× 25
98
710
60
58
6.5
4.0
2.0
2400
18
× 25
53
380
32
31
10.2
6.3
3.1
2500
16
× 30
59
370
39
37
8.5
5.3
2.6
3300
18
× 30
39
280
24
23
12.6
7.8
3.8
3600
16
× 39
42
260
28
27
11.3
7.0
3.4
4300
20
× 29
33
220
21
20
13.1
8.1
4.0
4700
18
× 39
28
200
17
17
16.7
10.4
5.1
7200
21
× 39
22
130
14
14
17.9
11.1
5.4
10000
21
× 49
16
95
11
11
22.4
13.9
6.8
VR =40VDC
620
12
× 30
135
820
61
59
7.0
4.4
2.1
1000
14
× 30
91
510
44
43
8.0
5.0
2.4
1400
16
× 30
72
370
38
37
8.4
5.2
2.6
1800
16
× 35
57
290
31
30
10.0
6.2
3.0
1800
18
× 30
50
290
24
23
12.6
7.8
3.8
2000
16
× 39
51
260
27
27
11.3
7.0
3.4
2400
20
× 29
40
220
21
20
13.1
8.1
4.0
2600
18
× 39
35
200
17
17
16.7
10.4
5.1
3900
21
× 39
27
130
14
14
17.9
11.1
5.4
5100
21
× 49
21
100
11
11
22.5
14.0
6.8
B41696, B41796
Very low ESR
125
°C
Page8of17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41696D5338Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41696 EPCOS-B41696 Datasheet
418Kb / 16P
   Aluminum electrolytic capacitors
B41696 EPCOS-B41696 Datasheet
435Kb / 16P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41696 TDK-B41696 Datasheet
420Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
logo
EPCOS
B41696A5108Q007 EPCOS-B41696A5108Q007 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
More results

Similar Description - B41696D5338Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com