Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4755 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM4755
Description  Stereo 11W Audio Power Amplifier with Mute
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4755 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4755 Datasheet HTML 1Page - National Semiconductor (TI) LM4755 Datasheet HTML 2Page - National Semiconductor (TI) LM4755 Datasheet HTML 3Page - National Semiconductor (TI) LM4755 Datasheet HTML 4Page - National Semiconductor (TI) LM4755 Datasheet HTML 5Page - National Semiconductor (TI) LM4755 Datasheet HTML 6Page - National Semiconductor (TI) LM4755 Datasheet HTML 7Page - National Semiconductor (TI) LM4755 Datasheet HTML 8Page - National Semiconductor (TI) LM4755 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Characteristics (Continued)
Note 5: Typicals are measured at 25˚C and represent the parametric norm.
Note 6: Limits are guaranteed that all parts are tested in production to meet the stated values.
Note 7: The TO-263 Package is not recommended for VS > 16V due to impractical heatsinking limitations.
Equivalent Schematic
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn