Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02094-12 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02094-12
Description  EPON FTTH modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094-12 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02094-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02094-12
4
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
Rev V5
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged. Reli-
able operation at these extremes for any length of time is not implied.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.0
V
VCC3
3.3V power supply voltage
-0.4 to +4.0
V
TSTG
Storage temperature
-65 to +150
°C
IBIASOUTCA (MAX)
Maximum bias output current for common anode laser
75
mA
IBIASOUTCC (MAX)
Maximum bias output current for common cathode laser
30
mA
IMODCA (MAX)
Maximum modulation current for common anode laser
70
mA
IMODCC (MAX)
Maximum modulation current for common cathode laser
30
mA
DIN+/-
Data inputs
-0.4 to VCC3 + 0.4
V
DIS
Disable input
-0.4 to VCC + 0.4
V
BIASMON, MODMON
Bias and modulation output current mirror compliance
voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photodiode anode voltage
-0.4 to VCC3 + 0.4
V
IPIN
Sink or Source Current
2.0
mA
FAIL
Status flag
-0.4 to VCC + 0.4
V
APCSET, MODSET
Set inputs
-0.4 to VCC3 + 0.4
V
TCSLOPE
Temperature compensation slope
-0.4 to VCC3 + 0.4
V
OUT+, OUT-
Output
-0.4 to VCC3 + 0.4
V


Similar Part No. - M02094-12

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02094-11 MA-COM-M02094-11 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
More results

Similar Description - M02094-12

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
logo
AVAGO TECHNOLOGIES LIMI...
BT-1212XX AVAGO-BT-1212XX Datasheet
103Kb / 1P
   10G EPON Symmetrical ONU Bi-direction OSA
logo
Diodes Incorporated
FNEPON125 DIODES-FNEPON125 Datasheet
411Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
Rev D 07/13/12
logo
Pericom Semiconductor C...
FNEPON125 PERICOM-FNEPON125 Datasheet
559Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
logo
Huber+Suhner, Inc.
04-___MH_ZN_H-___23C HUBERSUHNER-04-___MH_ZN_H-___23C Datasheet
187Kb / 2P
   Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Cca
06-___SMH_ZN_H-___23B HUBERSUHNER-06-___SMH_ZN_H-___23B Datasheet
188Kb / 2P
   Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
logo
Mitsumi Electronics, Co...
VGQ-32HA MITSUMI-VGQ-32HA Datasheet
33Kb / 2P
   FTTH-VG Optical Communication V Groov Board
logo
Vitesse Semiconductor C...
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
   1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com