Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMLEZW-00-0000-0D0HU235H Datasheet(PDF) 1 Page - Cree, Inc

Part # XMLEZW-00-0000-0D0HU235H
Description  XLamp XM-L EasyWhite짰 LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XMLEZW-00-0000-0D0HU235H Datasheet(HTML) 1 Page - Cree, Inc

  XMLEZW-00-0000-0D0HU235H Datasheet HTML 1Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 2Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 3Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 4Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 5Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 6Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 7Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 8Page - Cree, Inc XMLEZW-00-0000-0D0HU235H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product family data sheet
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XM-L EasyWhite® LEDs
ProDuCt DEsCriPtion
The XLamp® XM-L easyWhite® (eZW)
LeD eliminates chromaticity binning, and
enables luminaire and bulb manufacturers
to deliver the consistent color and high
efficacy light output of a multi‑die LED in
the compact XM-L footprint. XLamp XM-L
easyWhite LeDs can reduce LeD-to-LeD
color variation to within a 2-step MacAdam
ellipse, 94% smaller than the total area of
the corresponding ANSI C78.377 color
region.
The XLamp XM-L easyWhite LeD is the
perfect choice for lighting applications
where moderate to high luminous flux
output is required from a single, small
point source. Example applications
include: LED retrofit bulbs, commercial/
retail display spotlights, and other indoor
general-illumination applications.
FEAturEs
• Available in 4-step and 2-step
EasyWhite bins at 2700 K, 3000 K,
3500 K, 4000 K, 5000 K CCT
• Wide range of operating current – up
to 2 A @ 6 V
• 85 °C binning and characterization
• Available in 6‑V and 12‑V versions
• Low thermal resistance: 2.5 °C/W
• Wide viewing angle: 115°
• Wide variety of CRI choices: standard
CRI as well as 80-, 85-, 90-minimum
CRI
• electrically neutral thermal path
• Unlimited floor life at ≤ 30 ºC/85%
RH
• Reflow solderable ‑ JEDEC
J‑STD‑020C
• RoHS and ReACh compliant
• UL® recognized component
(E349212)
tAbLE oF ContEnts
Characteristics ...........................................2
Flux Characteristics, Standard Order
Codes and Bins, 6‑Volt XM‑L EZW ............3
Flux Characteristics, Standard Order
Codes and Bins, 12‑Volt XM‑L EZW ..........6
Relative Spectral Power Distribution ........9
Relative Flux vs. Junction Temperature....9
electrical Characteristics.........................10
Relative Flux vs. Current ..........................11
Relative Chromaticity vs. Current and
Temperature .............................................12
Typical Spatial Distribution......................13
Thermal Design........................................13
Performance Groups – Brightness.........14
Performance Groups – Chromaticity......14
Cree easyWhite® Bins Plotted on the
1931 CIE Color Space..............................15
Cree ANSI White Bins Plotted on the
1931 CIE Color Space..............................16
Bin and Order Code Formats...................16
Reflow Soldering Characteristics............17
Notes ........................................................18
Mechanical Dimensions ..........................20
Tape and Reel...........................................21
Packaging.................................................22


Similar Part No. - XMLEZW-00-0000-0D0HU235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
More results

Similar Description - XMLEZW-00-0000-0D0HU235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XMLHVW-Q0-0000-0000LT351 CREE-XMLHVW-Q0-0000-0000LT351 Datasheet
1Mb / 10P
   XLamp XM-L HVW LEDs
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
   XLamp XM-L Color LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com