Electronic Components Datasheet Search |
|
XMLEZW-00-0000-0D0HU440H Datasheet(PDF) 3 Page - Cree, Inc |
|
XMLEZW-00-0000-0D0HU440H Datasheet(HTML) 3 Page - Cree, Inc |
3 / 22 page Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements. See the Measurements section (page 18). • For Standard CRI parts, typical CRI is 80 for 4000 – 3500 K CCT parts and 82 for 3000 – 2700 K CCT parts. * Flux values @ 25 °C are calculated and for reference only. Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 3 XLamp® Xm-L EasyWhitE® LED Flux CharaCteristiCs, standard Order COdes and Bins, 6-VOlt xM-l eZW (700 mA, t j = 85 °C) The following table provides the order codes for 6‑Volt XLamp XM‑L EZW LEDs. Color CCt range Minimum Luminous Flux @ 700 ma 2-step 4-step Group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* Chromaticity region order Code Chromaticity region order Code Standard CRI easyWhite 5000 K U4 340 404 50H XMLeZW-00-0000-0B00U450H 50F XMLeZW-00-0000-0B00U450F U5 360 427 XMLeZW-00-0000-0B00U550H XMLeZW-00-0000-0B00U550F U6 380 451 XMLEZW‑00‑0000‑0B00U650H XMLEZW‑00‑0000‑0B00U650F v2 400 475 XMLeZW-00-0000-0B00v250H XMLeZW-00-0000-0B00v250F 4000 K U2 300 356 40H XMLeZW-00-0000-0B00U240H 40F XMLeZW-00-0000-0B00U240F U3 320 380 XMLeZW-00-0000-0B00U340H XMLeZW-00-0000-0B00U340F U4 340 404 XMLeZW-00-0000-0B00U440H XMLeZW-00-0000-0B00U440F 3500 K T6 280 332 35H XMLEZW‑00‑0000‑0B00T635H 35F XMLEZW‑00‑0000‑0B00T635F U2 300 356 XMLeZW-00-0000-0B00U235H XMLeZW-00-0000-0B00U235F U3 320 380 XMLeZW-00-0000-0B00U335H XMLeZW-00-0000-0B00U335F 3000 K T5 260 309 30H XMLeZW-00-0000-0B00T530H 30F XMLeZW-00-0000-0B00T530F T6 280 332 XMLEZW‑00‑0000‑0B00T630H XMLEZW‑00‑0000‑0B00T630F U2 300 356 XMLeZW-00-0000-0B00U230H XMLeZW-00-0000-0B00U230F U3 320 380 XMLeZW-00-0000-0B00U330H XMLeZW-00-0000-0B00U330F 2700 K T4 240 285 27H XMLeZW-00-0000-0B00T427H 27F XMLeZW-00-0000-0B00T427F T5 260 309 XMLeZW-00-0000-0B00T527H XMLeZW-00-0000-0B00T527F T6 280 332 XMLEZW‑00‑0000‑0B00T627H XMLEZW‑00‑0000‑0B00T627F U2 300 356 XMLeZW-00-0000-0B00U227H XMLeZW-00-0000-0B00U227F |
Similar Part No. - XMLEZW-00-0000-0D0HU440H |
|
Similar Description - XMLEZW-00-0000-0D0HU440H |