Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEHVW-Q0-0000-00000LCE1 Datasheet(PDF) 1 Page - Cree, Inc

Part # XTEHVW-Q0-0000-00000LCE1
Description  XLamp XT-E High-Voltage White LEDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEHVW-Q0-0000-00000LCE1 Datasheet(HTML) 1 Page - Cree, Inc

  XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 1Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 2Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 3Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 4Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 5Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 6Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 7Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 8Page - Cree, Inc XTEHVW-Q0-0000-00000LCE1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Product family data sheet
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XT-E High-Voltage White LEDs
ProDuCT DEsCriPTion
The Cree XLamp® XT-E High-Voltage
White (HVW) LED provides the
lighting-class
performance
and
reliability of Cree XLamp LEDs in a
small‑form, high‑voltage configuration.
The XT-E HVW LED is an order of
magnitude smaller than other high
voltage LED arrays, allowing easy
implementation of space-constrained
lighting applications with smaller, more
efficient high‑voltage drivers. Among
these applications are small lamps
such as B10, GU10 and E17.
FEATurEs
• Binned at 85 °C
• 48‑V configuration
• Cree-standard mechanical footprint
of 3.45 X 3.45 mm with electrically
neutral thermal path
• Unlimited floor life at ≤30 ºC/85% RH
• Reflow solderable
• Available in standard CRI and
80‑minimum CRI configurations
• RoHS and REACh compliant
• UL® recognized component
(E349212)
TAbLE oF ConTEnTs
Characteristics ............................................2
Flux Characteristics ....................................3
Relative Flux vs. Junction Temperature.....9
Electrical Characteristics......................... 10
Relative Flux vs. Current .......................... 10
Thermal Design........................................ 11
Performance Groups – Luminous Flux... 12
Performance Groups – Forward
Voltage...................................................... 12
Performance Groups – Chromaticity...... 13
Cree’s Standard White Chromaticity
Regions Plotted on the CIE 1931 Curve.. 17
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 18
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 19
Cree’s Standard Chromaticity Kits .......... 20
Bin and Order Code Formats................... 20
Reflow Soldering Characteristics............ 21
Notes ........................................................ 22
Mechanical Dimensions .......................... 24
Tape and Reel........................................... 25
Packaging................................................. 26


Similar Part No. - XTEHVW-Q0-0000-00000LCE1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XTE MARKTECH-XTE Datasheet
594Kb / 2P
   Maximum Drive Current: 1.5A
XTE-HV MARKTECH-XTE-HV Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
XTE-HV MARKTECH-XTE-HV_15 Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
XTE-WHITE MARKTECH-XTE-WHITE Datasheet
590Kb / 2P
   Cree XTE Series on Board
XTE-WHITE MARKTECH-XTE-WHITE_15 Datasheet
590Kb / 2P
   Cree XTE Series on Board
More results

Similar Description - XTEHVW-Q0-0000-00000LCE1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com