Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5142A Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 1N5142A
Description  Flexible Axial-lead Mounting Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5142A Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N5142A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5142A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5142A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Abrupt Varactors
General Purpose
Rev. V1
1N5139(A) thru 1N5148(A)
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
DC Power Dissipation
400 mW
Forward Current
250 mA
Minimum Reverse Breakdown Voltage
65 Vdc @ IR = 10 µAdc
Reverse Current
20 µAdc @ VR = 55 Vdc, TA = 25°C
20 µAdc @ VR = 55 Vdc, TA = 150°C
Temperature Coefficient of Capacitance
3% / °C @ VR = 4 Vdc, TA = -40°C to +85°C
Operating Temperature
-65°C to +175°C
Storage Temperature
-65°C to +200°C
Voltage Tolerance
+10% Standard Device
+5% Suffix A
1. Exceeding any one or combination of these limits may cause permanent damage to this device.
2. MACOM does not recommend sustained operation near these survivability limits.
Hermetically Sealed Glass, DO-7
Lead Material: copper clad steel
Lead Finish: tin/lead
Marking: part number and cathode band
Weight: 0.2 grams
Polarity: diode to be operated with the cathode band end negative
Mounting Position: any


Similar Part No. - 1N5142A

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N5142A KNOX-1N5142A Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Advanced Semiconductor
1N5142A ASI-1N5142A Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
logo
New Jersey Semi-Conduct...
1N5142A NJSEMI-1N5142A Datasheet
132Kb / 1P
   DIODE
More results

Similar Description - 1N5142A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WMA.01.301151 TAOGLAS-WMA.01.301151 Datasheet
765Kb / 16P
   Flexible Mounting
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
   Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Microsemi Corporation
14KESD50-1 MICROSEMI-14KESD50-1 Datasheet
109Kb / 2P
   AXIAL LEAD
logo
Illinois Capacitor, Inc...
105TTA350M ILLINOISCAPACITOR-105TTA350M Datasheet
118Kb / 1P
   AXIAL LEAD
225TMA050M ILLINOISCAPACITOR-225TMA050M Datasheet
113Kb / 1P
   AXIAL LEAD
225TTA050M ILLINOISCAPACITOR-225TTA050M Datasheet
127Kb / 1P
   AXIAL LEAD
335BPA050M ILLINOISCAPACITOR-335BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
335TMA350M ILLINOISCAPACITOR-335TMA350M Datasheet
113Kb / 1P
   AXIAL LEAD
106BPA050M ILLINOISCAPACITOR-106BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
226BPA025M ILLINOISCAPACITOR-226BPA025M Datasheet
112Kb / 1P
   AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com