Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3590-0000-000R0HBB0E2 Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA3590-0000-000R0HBB0E2
Description  XLamp LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3590-0000-000R0HBB0E2 Datasheet(HTML) 5 Page - Cree, Inc

  CXA3590-0000-000R0HBB0E2 Datasheet HTML 1Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 2Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 3Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 4Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 5Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 6Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 7Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 8Page - Cree, Inc CXA3590-0000-000R0HBB0E2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXa3590 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 22).
Cree XLamp CXA3590 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
4000 K
70
75
BB
9,500
10,545
40H
CXA3590-0000-
000N00BB40H
40F
CXA3590-0000-
000N00BB40F
BD
10,000
11,100
CXA3590-0000-
000N00BD40H
CXA3590-0000-
000N00BD40F
CB
11,000
12,210
CXA3590-0000-
000N00CB40H
CXA3590-0000-
000N00CB40F
80
---
AD
9,000
9,435
40H
CXA3590-0000-
000N0HAD40H
40G
CXA3590-0000-
000N0HAD40G
40H
CXA3590-0000-
000N0HAD40F
BB
9,500
10,545
CXA3590-0000-
000N0HBB40H
CXA3590-0000-
000N0HBB40G
CXA3590-0000-
000N0HBB40F
BD
10,000
11,100
CXA3590-0000-
000N0HBD40H
CXA3590-0000-
000N0HBD40G
CXA3590-0000-
000N0HBD40F
90
95
Z4
7,945
8,819
40H
CXA3590-0000-
000N0UZ440H
40G
CXA3590-0000-
000N0UZ440G
40F
CXA3590-0000-
000N0UZ440F
AB
8,500
9,435
CXA3590-0000-
000N0UAB40H
CXA3590-0000-
000N0UAB40G
CXA3590-0000-
000N0UAB40F
3500 K
80
---
AD
9,000
9,990
35H
CXA3590-0000-
000N00AD35H
35G
CXA3590-0000-
000N00AD35G
35F
CXA3590-0000-
000N00AD35F
BB
9,500
10,545
CXA3590-0000-
000N00BB35H
CXA3590-0000-
000N00BB35G
CXA3590-0000-
000N00BB35F
BD
10,000
11,100
CXA3590-0000-
000N00BD35H
CXA3590-0000-
000N00BD35G
CXA3590-0000-
000N00BD35F
93
95
Z2
7,390
8,203
35H
CXA3590-0000-
000N0YZ235H
35G
CXA3590-0000-
000N0YZ235G
35F
CXA3590-0000-
000N0YZ235F
Z4
7,945
8,819
CXA3590-0000-
000N0YZ435H
CXA3590-0000-
000N0YZ435G
CXA3590-0000-
000N0YZ435F
3000 K
80
---
AD
9,000
9,990
30H
CXA3590-0000-
000N00AD30H
30G
CXA3590-0000-
000N00AD30G
30F
CXA3590-0000-
000N00AD30F
BB
9,500
10,545
CXA3590-0000-
000N00BB30H
CXA3590-0000-
000N00BB30G
CXA3590-0000-
000N00BB30F
BD
10,000
11,100
CXA3590-0000-
000N00BD30H
CXA3590-0000-
000N00BD30G
CXA3590-0000-
000N00BD30F
93
95
Z2
7,390
8,203
30H
CXA3590-0000-
000N0YZ230H
30G
CXA3590-0000-
000N0YZ230G
30F
CXA3590-0000-
000N0YZ230F
Z4
7,945
8,819
CXA3590-0000-
000N0YZ430H
CXA3590-0000-
000N0YZ430G
CXA3590-0000-
000N0YZ430F
2700 K
80
---
AB
8,500
9,435
27H
CXA3590-0000-
000N00AB27H
27G
CXA3590-0000-
000N00AB27G
27F
CXA3590-0000-
000N00AB27F
AD
9,000
9,990
CXA3590-0000-
000N00AD27H
CXA3590-0000-
000N00AD27G
CXA3590-0000-
000N00AD27F
BB
9,500
10,545
CXA3590-0000-
000N00BB27H
CXA3590-0000-
000N00BB27G
CXA3590-0000-
000N00BB27F
93
95
Y4
6,910
7,670
27H
CXA3590-0000-
000N0YY427H
27G
CXA3590-0000-
000N0YY427G
27F
CXA3590-0000-
000N0YY427F
Z2
7,390
8,203
CXA3590-0000-
000N0YZ227H
CXA3590-0000-
000N0YZ227G
CXA3590-0000-
000N0YZ227F
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 36 V (i
f = 2400 mA, t= 85 °C) - COntinued


Similar Part No. - CXA3590-0000-000R0HBB0E2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Similar Description - CXA3590-0000-000R0HBB0E2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com