Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-1393788-4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 8-1393788-4
Description  Standard telecom relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393788-4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  8-1393788-4 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393788-4 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393788-4 Datasheet HTML 3Page - TE Connectivity Ltd 8-1393788-4 Datasheet HTML 4Page - TE Connectivity Ltd 8-1393788-4 Datasheet HTML 5Page - TE Connectivity Ltd 8-1393788-4 Datasheet HTML 6Page - TE Connectivity Ltd 8-1393788-4 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
P2 Relay V23079 (Continued)
Insulation Data
Standard
HDV
Initial dielectric strength
between open contacts
1000Vrms
1500Vrms
between contact and coil
1500Vrms
1500Vrms
between adjacent contacts
1000 Vrms
1500Vrms
Initial surge withstand voltage
according to Telcordia TR-NWT-001089 (2/10μs)
between open contacts
2000V
2500V
between contact and coil
2500V
2500V
between adjacent contacts
2500V
2500V
according to (10/700 μs IEC 60950)
between open contacts
2000V
2500V
between contact and coil
2500V
2500V
between adjacent contacts
2500V
2500V
Initial insulation resistance at 500 Vdc
> 109Ω
Capacitance
between open contacts
max. 1pF
between contact and coil
max. 2pF
between adjacent contacts
max. 1.5pF
Clearance /creepage
according to IEC / EN 60950
1.3/2.5mm
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RT III - wash tight
Vibration resistance (functional)
35g, 10 to 1000Hz
Shock resistance (functional)
IEC 60068-2-27 (half sine)
100g
Terminal type
PCB-THT,
SMT long and short terminals
Weight
max. 2.8 g
Resistance to soldering heat THT
IEC 60068-2-20
265°C/10s
Moisture sensitive level, JEDEC J-Std-020D
MSL3
related only to SMT relays
packed in orginal dry-packs
Ultrasonic cleaning
not recommended
Packaging/unit
THT
box/2000 pcs.
SMT
reel/2000 pcs. or 2500 pcs.
Coil Data (continued)
Coil versions, bistable
Coil
Rated
Set
Limiting
Reset
Coil
Rated coil
code
voltage
voltage
Voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
Bistable, 1 coil
108
3.00
2.25
9.2
-2.25
128
70
111
4.50
3.38
13.85
-3.38
289
70
101
5.00
3.75
15.33
-3.75
357
70
102
6.00
4.50
18.5
-4.50
514
70
106
9.00
6.75
27.75
-6.75
1157
70
103
12.00
9.00
37
-9.00
2057
70
105
24.00
18.00
74
-18.00
8228
70
Bistable, 2 coil
219
2.00
1.50
4.33
1.50
28
140
218
2.40
1.80
5.2
1.80
41
140
208
3.00
2.25
6.5
2.25
64
140
211
4.50
3.38
9.8
3.38
145
140
201
5.00
3.75
10.9
3.75
178
140
202
6.00
4.50
13
4.50
257
140
206
9.00
6.75
19.6
6.75
578
140
203
12.00
9.00
26.15
9.00
1029
140
205
24.00
18.00
52.3
18.00
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Coil versions, high dielectric version, monostable, overmolded
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
Voltage
Voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
008
3.00
2.25
6.1
0.30
45
200
001
5.00
3.75
10.1
0.50
125
200
002
6.00
4.50
12.1
0.60
180
200
006
9.00
6.75
18.2
0.90
405
200
003
12.00
9.00
24.2
1.20
720
200
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
108-98002 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 15
Telecom-, Signal and RF Relays
P2 V23079 Relay
AXICOM
Coil Operating Range
Unom = Nominal coil voltage
Umax. = Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Uop. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
70 mW
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Ambient Temperature [°C]
140 mW
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Ambient Temperature [°C]
200 mW
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
108-98002 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 15
Telecom-, Signal and RF Relays
P2 V23079 Relay
AXICOM
Coil Operating Range
Unom = Nominal coil voltage
Umax. = Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Uop. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
70 mW
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Ambient Temperature [°C]
140 mW
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Ambient Temperature [°C]
200 mW
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.


Similar Part No. - 8-1393788-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1393788-4 TEC-8-1393788-4 Datasheet
1Mb / 7P
   Standard telecom relay
More results

Similar Description - 8-1393788-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P2-V23079 TEC-P2-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com