Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMOC3052TR Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KMOC3052TR
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3052TR Datasheet(HTML) 9 Page - COSMO Electronics Corporation

Back Button KMOC3052TR Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 9Page - COSMO  Electronics Corporation KMOC3052TR Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41002.2
- 9 -
http://www.cosmo-ic.com
cosmo
KMOC305X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
 L Carrier Tape & Reel
24.40
30.40 Max.
Unit:mm
TOLERANCE
±0.2mm
TLD
TRU
7.6
12.0
4.0
2.0
4.15
0.4
Direction of feed from reel
Direction of feed from reel


Similar Part No. - KMOC3052TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3052 COSMO-KMOC3052 Datasheet
352Kb / 2P
   HIGH RELIABLIITY PHOTOCOUPLER
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
More results

Similar Description - KMOC3052TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com