Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEHVW-Q0-0000-00000H8F6 Datasheet(PDF) 5 Page - Cree, Inc

Part # XTEHVW-Q0-0000-00000H8F6
Description  XLamp XT-E High-Voltage White LEDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEHVW-Q0-0000-00000H8F6 Datasheet(HTML) 5 Page - Cree, Inc

  XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 1Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 2Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 3Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 4Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 5Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 6Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 7Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 8Page - Cree, Inc XTEHVW-Q0-0000-00000H8F6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® XT-E HVW LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 22).
Cree XLamp XT‑E HVW LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the
minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by
the order code.
*
Flux values at 25 °C are calculated and for reference only.
Chromaticity
Minimum luminous Flux (lm)
@ 22 ma
order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
no Minimum Cri
75 Cri typical
82 Cri typical
80 Cri Minimum
F4
4750 K
R4
130
148
XTEHVW‑Q0‑0000‑
00000LGF4
R3
122
139
XTEHVW‑Q0‑0000‑
00000LFF4
R2
114
130
XTEHVW‑Q0‑0000‑
00000LEF4
Q5
107
122
XTEHVW‑Q0‑0000‑
00000LDF4
Q4
100
114
XTEHVW‑Q0‑0000‑
00000LCF4
Q3
93.9
107
XTEHVW‑Q0‑0000‑
00000LBF4
E4
4500 K
R4
130
148
XTEHVW‑Q0‑0000‑
00000LGE4
R3
122
139
XTEHVW‑Q0‑0000‑
00000LFE4
R2
114
130
XTEHVW‑Q0‑0000‑
00000LEE4
Q5
107
122
XTEHVW‑Q0‑0000‑
00000LDE4
Q4
100
114
XTEHVW‑Q0‑0000‑
00000LCE4
Q3
93.9
107
XTEHVW‑Q0‑0000‑
00000LBE4
F5
4250 K
R2
114
130
XTEHVW‑Q0‑0000‑
00000LEF5
Q5
107
122
XTEHVW‑Q0‑0000‑
00000LDF5
XTEHVW‑Q0‑0000‑
00000HDF5
Q4
100
114
XTEHVW‑Q0‑0000‑
00000LCF5
XTEHVW‑Q0‑0000‑
00000HCF5
Q3
93.9
107
XTEHVW‑Q0‑0000‑
00000LBF5
XTEHVW‑Q0‑0000‑
00000HBF5
Q2
87.4
100
XTEHVW‑Q0‑0000‑
00000LAF5
XTEHVW‑Q0‑0000‑
00000HAF5
P4
80.6
91.9
XTEHVW‑Q0‑0000‑
00000L9F5
XTEHVW‑Q0‑0000‑
00000H9F5
Flux CharaCteristiCs - (22 mA, T
J = 85 °C) - Continued


Similar Part No. - XTEHVW-Q0-0000-00000H8F6

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XTE MARKTECH-XTE Datasheet
594Kb / 2P
   Maximum Drive Current: 1.5A
XTE-HV MARKTECH-XTE-HV Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
XTE-HV MARKTECH-XTE-HV_15 Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
XTE-WHITE MARKTECH-XTE-WHITE Datasheet
590Kb / 2P
   Cree XTE Series on Board
XTE-WHITE MARKTECH-XTE-WHITE_15 Datasheet
590Kb / 2P
   Cree XTE Series on Board
More results

Similar Description - XTEHVW-Q0-0000-00000H8F6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com