Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMOC3043TL Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KMOC3043TL
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3043TL Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3043TL Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3043TL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42001.2
- 1 -
http://www.cosmo-ic.com
cosmo
KMOC304X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Description
The KMOC3041 、 KMOC3042 、 KMOC3043
series consist of a GaAs infrared emitting diode
optically coupled to a monolithic silicon detector
performing the function of a zero voltage crossing
bilateral TRIAC driver. They are designed for use
with a TRIAC in the interface of logic systems to
equipment powered from 115 VAC lines, such as
solid-state
relays,
industrial
controls,
motors,
solenoids and consumer appliances, etc.
 Schematic
Z.C
1
2
3
6
4
1. Anode
2. Cathode
3. NC
4. Main terminal
6. Main terminal
 Features
1. Pb free and RoHS compliant.
2. 400V peak blocking voltage.
3. Simplifies logic control of 115 VAC power.
4. Zero voltage crossing.
5. Isolation voltage between input and output (Viso:5300Vms).
6. MSL class 1
7. Agency Approvals:
• UL Approved (No. E169586): UL1577
C-UL Approved (No. E169586)
• VDE Approved (No. 101347): DIN EN60747-5-5
• CQC Approved: GB8898-2011, GB4943.1-2011
 Applications
• Solenoid/Valve controls
• Lighting controls
• Static power switches
• AC motor drives
• Temperature controls
• E.M contactors
• AC motor contactors
• Solid state relay
• Programmable controllers


Similar Part No. - KMOC3043TL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3043TL COSMO-KMOC3043TL Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3043TLD COSMO-KMOC3043TLD Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC3043TL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com