Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3--21028--2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3--21028--2
Description  Feed- Through Head Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3--21028--2 Datasheet(HTML) 5 Page - Tyco Electronics

  3--21028--2 Datasheet HTML 1Page - Tyco Electronics 3--21028--2 Datasheet HTML 2Page - Tyco Electronics 3--21028--2 Datasheet HTML 3Page - Tyco Electronics 3--21028--2 Datasheet HTML 4Page - Tyco Electronics 3--21028--2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 9607
Feed- Through Head Assembly 58443- 1
5
of 5
Rev C
Tyco Electronics Corporation
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER HEAD
ASSEMBLY
1
314487--2
HEAD, Finished
1
2
6--22278--5
SPRING, Compression
1
3
312147--1
PAWL, Locating
1
4
21041--7
PIN, Spiral Spring
1
5
312192--1
PAWL, Finished Feed
1
6
1--23147--2
SPRING, Compression
1
7
312151--1
SLIDE, Feed
1
8
314491--1
CAM, Traverse Slide
1
9
312154--1
INSERTER, Wire
1
10
3--21028--2
PIN, Slotted Spring
1
11
312148--1
ROD, Inserter
1
12
312149--1
ADJUSTER, Rod Inserter
1
13
22488--5
SPRING, Compression
1
14
314489--1
HOUSING, Insert
1
15
4--22430--8
SCREW, Machine 4--40¢.88 in.
4
16
845053--2
GUIDE, Terminal
1
17
854179--1
HOUSING, Insert
1
18
314500--1
WIRE RETAINER, Subassembly
1
Figure 5 (End)
through your representative, or call 1--800--526--5142,
or send a facsimile of your purchase order to
717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
8. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated instruction sheet to corporate
requirements
S
Added Original Instructions to page 1


Similar Part No. - 3--21028--2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028--2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
   Bulkhead Feed-Through
logo
Eaton All Rights Reserv...
C220X EATON-C220X Datasheet
423Kb / 2P
   Feed through connector
October 2022
logo
Harwin Plc
W2222-00 HARWIN-W2222-00 Datasheet
151Kb / 1P
   FEED THROUGH INSULATOR
logo
Weidmuller
1036180000 WEIDMULLER-1036180000 Datasheet
100Kb / 3P
   Modular feed-through terminals
0337100000 WEIDMULLER-0337100000 Datasheet
66Kb / 1P
   Modular feed-through terminals
1036100000 WEIDMULLER-1036100000 Datasheet
96Kb / 3P
   Modular feed-through terminals
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Cooper Bussmann, Inc.
C7021-02N-1 COOPER-C7021-02N-1 Datasheet
94Kb / 1P
   Power Feed Through Terminal Blocks
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
   Feed-through modular terminal block
logo
Rosenberger Hochfrequen...
51Z101-006A ROSENBERGER-51Z101-006A Datasheet
40Kb / 2P
   BNC 50 CABLE FEED THROUGH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com