Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45965--6 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 45965--6
Description  Reasons for reissue are provided in Section 8, REVISION SUMMARY.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

45965--6 Datasheet(HTML) 4 Page - Tyco Electronics

  45965--6 Datasheet HTML 1Page - Tyco Electronics 45965--6 Datasheet HTML 2Page - Tyco Electronics 45965--6 Datasheet HTML 3Page - Tyco Electronics 45965--6 Datasheet HTML 4Page - Tyco Electronics 45965--6 Datasheet HTML 5Page - Tyco Electronics 45965--6 Datasheet HTML 6Page - Tyco Electronics 45965--6 Datasheet HTML 7Page - Tyco Electronics 45965--6 Datasheet HTML 8Page - Tyco Electronics 45965--6 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
408- 10029
PIDG and PLASTI- GRIP Terminal and Splice Crimping Heads
Rev B
4
of 9
Tyco Electronics Corporation
7. Refer to Section 5 and Figure 6 for crimp
inspection.
Figure 4
PIDG Butt Splice
“C” “B”
Window
Indent
Splice Wire Stop
Locator
Window Indent Faces
Indenter and Slides
Under Locator
Window Indent on
Splice Slides Under
Locator
Locator
End of Conductor
Butts Against Splice
Wire Stop
End of Conductor
Butts Against Splice
Wire Stop
“B” Equals Wire Barrel
“C” Equals Insulation Barrel
(A) First Crimp
(B) Second Crimp
4A
4B
4.3. Insulation Crimp Adjustment
A. PIDG Terminals and Splices
PIDG terminals and splices contain a wire
insulation “grip.”
The insulation crimping section of the crimping head
has three positions: 1—Tight; 2—Medium; and
3—Loose.
1. Insert insulation adjustment pins in Position 3.
SeeFigure5.
Always place both adjustment pins in the same
position. See Figure 5.
2. Place terminal or splice in crimping jaws, as
shown in Figures 3 and 4.
3. Insert unstripped wire only into the
insulation barrel of the terminal or splice. See
Figures 3 and 4.
4. Crimp terminal or splice as described in
Paragraph 4.1 or 4.2.
5. Remove terminal or splice. Bend wire forward
and then backward. The terminal or splice should
retain its grip on the wire. If the wire pulls out,
reposition the insulation adjustment pins in the next
tighter position and repeat crimping procedure.
6. Repeat adjustment as necessary until desired
insulation grip is obtained. DO NOT use a tighter
setting than required.
Figure 5
Insulation
Adjustment
Pin(s)
(Ref)
Positions
11
22
33
B. PLASTI- GRIP Terminals
PLASTI--GRIP terminals contain only a wire
insulation “support”.
NOTE
i
NOTE
i
NOTE
i


Similar Part No. - 45965--6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
45965-6 TEC-45965-6 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 45965--6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4328 TEC-408-4328 Datasheet
106Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com