Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1419172-4 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 4-1419172-4
Description  Small size permitting high packing density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1419172-4 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  4-1419172-4 Datasheet HTML 1Page - TE Connectivity Ltd 4-1419172-4 Datasheet HTML 2Page - TE Connectivity Ltd 4-1419172-4 Datasheet HTML 3Page - TE Connectivity Ltd 4-1419172-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
W11 Relay V23101 (Continued)
Product Code
Pinning
Coil
Coil voltage
Coil assignment
Cont.material
Part number
V23101-D0001-A201
6 pins
Standard
1.5VDC
Symmetrical
AgPd, Au plated
1393779-1
V23101-D0002-A201
version
coil
3VDC
1393779-3
V23101-D0003-A201
5VDC
1393779-5
V23101-D0004-A201
6VDC
1393779-8
V23101-D0005-A201
9VDC
1-1393779-1
V23101-D0006-A201
12VDC
1-1393779-3
V23101-D0007-A201
24VDC
1-1393779-8
V23101-D0001-B201
1.5VDC
Asymmetrical
1393779-2
V23101-D0002-B201
3VDC
1393779-4
V23101-D0003-B201
5VDC
1393779-6
V23101-D0004-B201
6VDC
1-1393779-0
V23101-D0005-B201
9VDC
1-1393779-2
V23101-D0006-B201
12VDC
1-1393779-6
V23101-D0007-B201
24VDC
2-1393779-0
V23101-D0006-A301
12VDC
Symmetrical
AgNi
4-1419172-4
V23101-D0003-B301
5VDC
Asymmetrical
1393779-7
V23101-D0006-B301
12VDC
1-1393779-7
V23101-D0007-B301
24VDC
2-1393779-1
V23101-D0003-A401
5VDC
Symmetrical
AgNi, Au plated
1422028-2
V23101-D0006-A401
12VDC
1422028-3
V23101-D0007-A401
24VDC
1422028-5
V23101-D0006-B401
12VDC
Asymmetrical
1422028-4
V23101-D0007-B401
24VDC
1422028-6
V23101-D1006-A201
5 pins
12VDC
Symmetrical
AgPd, Au plated
4-1393779-1
V23101-D1003-B201
5VDC
Asymmetrical
4-1393779-0
V23101-D1006-B201
12VDC
4-1393779-2
V23101-D1007-B201
24VDC
1413012-1
V23101-D1006-A401
12VDC
Symmetrical
AgNi, Au plated
1-1422028-2
V23101-D1006-B401
Asymmetrical
1-1422028-3
V23101-D0101-A201
6 pins
Sensitive
1.5VDC
Symmetrical
AgPd, Au plated
2-1393779-2
V23101-D0102-A201
version
coil
3VDC
2-1393779-4
V23101-D0103-A201
5VDC
2-1393779-6
V23101-D0104-A201
6VDC
2-1393779-8
V23101-D0105-A201
9VDC
3-1393779-0
V23101-D0106-A201
12VDC
3-1393779-2
V23101-D0107-A201
24VDC
3-1393779-5
V23101-D0108-A201
18VDC
3-1393779-9
V23101-D0101-B201
1.5VDC
Asymmetrical
2-1393779-3
V23101-D0102-B201
3VDC
2-1393779-5
V23101-D0103-B201
5VDC
2-1393779-7
V23101-D0104-B201
6VDC
2-1393779-9
V23101-D0105-B201
9VDC
3-1393779-1
V23101-D0106-B201
12VDC
3-1393779-3
V23101-D0107-B201
24VDC
3-1393779-8
V23101-D0106-A301
12VDC
Symmetrical
AgNi
1422037-2
V23101-D0107-A301
24VDC
3-1393779-7
V23101-D0106-B301
12VDC
Asymmetrical
3-1393779-4
V23101-D0103-A401
5VDC
Symmetrical
AgNi, Au plated
1422028-7
V23101-D0106-A401
12VDC
1422028-8
V23101-D0107-A401
24VDC
1422028-9
V23101-D0108-A401
18VDC
1-1422028-1
V23101-D0107-B401
24VDC
Asymmetrical
1-1422028-0
V23101-D1106-A201
5 pins
12VDC
Symmetrical
AgPd, Au plated
4-1393779-3
V23101-D1107-A201
24VDC
4-1393779-6
V23101-D1106-B201
12VDC
Asymmetrical
4-1393779-4
V23101-D1107-B201
24VDC
4-1393779-7
V23101-D1106-B301
12VDC
AgNi
4-1393779-5
V23101-D1106-A401
Symmetrical
AgNi, Au plated
1-1422028-4
V23101-D1106-B401
Asymmetrical
1-1422028-5


Similar Part No. - 4-1419172-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1419172-4 TEC-4-1419172-4 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results

Similar Description - 4-1419172-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
MAKO SEMICONDUCTOR CO.,...
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
   Small size making it easy to provide high-density,small-sized
logo
Advanced Crystal Techno...
ACT86SMX ACT-ACT86SMX Datasheet
116Kb / 1P
   ideal for high density packing and automatic placement on circuit boards
21-11-2006
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
List of Unclassifed Man...
GWX-38 ETC-GWX-38 Datasheet
53Kb / 1P
   Miniature size for high density applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com