Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP70A-00-0000-0D0UK20CB Datasheet(PDF) 4 Page - Cree, Inc

Part # XHP70A-00-0000-0D0UK20CB
Description  XLamp XHP70 LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP70A-00-0000-0D0UK20CB Datasheet(HTML) 4 Page - Cree, Inc

  XHP70A-00-0000-0D0UK20CB Datasheet HTML 1Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 2Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 3Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 4Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 5Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 6Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 7Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 8Page - Cree, Inc XHP70A-00-0000-0D0UK20CB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 26).
Cree XLamp XHP70 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® XHp70 LED
nominal
CCt
Cri
Minimum Luminous Flux
2-step
3-step
5-step
Min
typ
Group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
Group
order Code
Group
order Code
Group
order Code
4000 K
70
N2
1590
1827
40e
XHP70A-00-0000-
0D0BN240E
M4
1485
1707
XHP70A-00-0000-
0D0BM440E
80
M4
1485
1707
40H
XHP70A-00-0000-
0D0HM440H
40G
XHP70A-00-0000-
0D0HM440G
M2
1380
1586
XHP70A-00-0000-
0D0HM240H
XHP70A-00-0000-
0D0HM240G
90
K4
1290
1482
40H
XHP70A-00-0000-
0D0UK440H
40G
XHP70A-00-0000-
0D0UK40G
K2
1200
1379
XHP70A-00-0000-
0D0UK240H
XHP70A-00-0000-
0D0UK240G
J4
1120
1287
XHP70A-00-0000-
0D0UJ440H
XHP70A-00-0000-
0D0UJ440G
3500 K
70
N2
1590
1827
35e
XHP70A-00-0000-
0D0BN235E
M4
1485
1707
XHP70A-00-0000-
0D0BM435E
80
M4
1485
1707
35H
XHP70A-00-0000-
0D0HM435H
35G
XHP70A-00-0000-
0D0HM435G
M2
1380
1586
XHP70A-00-0000-
0D0HM235H
XHP70A-00-0000-
0D0HM235G
K4
1290
1482
XHP70A-00-0000-
0D0HK435H
XHP70A-00-0000-
0D0HK435G
90
K4
1290
1482
35H
XHP70A-00-0000-
0D0UK435H
35G
XHP70A-00-0000-
0D0UK435G
K2
1200
1379
XHP70A-00-0000-
0D0UK235H
XHP70A-00-0000-
0D0UK235G
J4
1120
1287
XHP70A-00-0000-
0D0UJ435H
XHP70A-00-0000-
0D0UJ435G
J2
1040
1195
XHP70A-00-0000-
0D0UJ235H
XHP70A-00-0000-
0D0UJ235G
FLuX CHArACtEristiCs, EAsyWHitE® orDEr CoDEs AnD bins - ContinuED


Similar Part No. - XHP70A-00-0000-0D0UK20CB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP70.2 CREE-XHP70.2 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20DT CREE-XHP70B-00-0000-0D00N20DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20E1 CREE-XHP70B-00-0000-0D00N20E1 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DT CREE-XHP70B-00-0000-0D00N40DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DV CREE-XHP70B-00-0000-0D00N40DV Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
More results

Similar Description - XHP70A-00-0000-0D0UK20CB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com