Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQBAWT-00-0000-00000L051 Datasheet(PDF) 9 Page - Cree, Inc

Part # XQBAWT-00-0000-00000L051
Description  XLamp XQ-B LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQBAWT-00-0000-00000L051 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XQBAWT-00-0000-00000L051 Datasheet HTML 3Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 4Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 5Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 6Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 7Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 8Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 9Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 10Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® XQ-B LED
MEChANICAL DIMENSIONS
All dimensions in mm.
Measurementtolerancesunlessindicatedotherwise:±13 mm
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
1.60
1.60
1.41
.600
.600
.300
1.500
1.60± .05
.30
1.60
.65
1.60
.300
1.500
3.300
3.300
1
/
1
45.000
A
2610-00026
XQx OUTLINE
--
--
--
--
--
--
5/23/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
RECOMMENDED PC BOARD SOLDER PAD
RECOMMENDED TRACE LAYOUT
SOLDER PAD
REFERENCE
NOTCH IS ON
CATHODE (-) SIDE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
1.60
1.60
1.41
.600
.600
.300
1.500
1.60± .05
.30
1.60
.65
1.60
.300
1.500
3.300
3.300
1
/
1
45.000
A
2610-00026
XQx OUTLINE
--
--
--
--
--
--
5/23/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
RECOMMENDED PC BOARD SOLDER PAD
RECOMMENDED TRACE LAYOUT
SOLDER PAD
REFERENCE
NOTCH IS ON
CATHODE (-) SIDE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
1.60
1.60
1.41
.600
.600
.300
1.500
1.60± .05
.30
1.60
.65
1.60
.300
1.500
3.300
3.300
1
/
1
45.000
A
2610-00026
XQx OUTLINE
--
--
--
--
--
--
5/23/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
RECOMMENDED PC BOARD SOLDER PAD
RECOMMENDED TRACE LAYOUT
SOLDER PAD
REFERENCE
NOTCH IS ON
CATHODE (-) SIDE
.30
1.60
.65
1.60
.300
1.500
3.300
3.300
1.60
1.60
1.58 ±.08
1.500
.600
.600
.300
R.936
.375
RECOMMENDED PC BOARD SOLDER PAD
RECOMMENDED TRACE LAYOUT
SOLDER PAD
REFERENCE
NOTCH IS ON
CATHODE(-) SIDE
.30
1.60
.65
1.60
.300
1.500
3.300
3.300
1.60
1.60
1.58 ±.08
1.500
.600
.600
.300
R.936
.375
RECOMMENDED PC BOARD SOLDER PAD
RECOMMENDED TRACE LAYOUT
SOLDER PAD
REFERENCE
NOTCH IS ON
CATHODE(-) SIDE
Recommended trace layout
Recommended PCB solder pad
9


Similar Part No. - XQBAWT-00-0000-00000L051

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQBAWT-00-0000-00000H0E5 CREE-XQBAWT-00-0000-00000H0E5 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQBAWT-00-0000-00000HXE5 CREE-XQBAWT-00-0000-00000HXE5 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQBAWT-00-0000-00000HXE7 CREE-XQBAWT-00-0000-00000HXE7 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
More results

Similar Description - XQBAWT-00-0000-00000L051

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
   XLamp XQ-D LED
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com