Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP70A-00-0000-0D0UK40DT Datasheet(PDF) 8 Page - Cree, Inc

Part # XHP70A-00-0000-0D0UK40DT
Description  XLamp XHP70 LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP70A-00-0000-0D0UK40DT Datasheet(HTML) 8 Page - Cree, Inc

Back Button XHP70A-00-0000-0D0UK40DT Datasheet HTML 4Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 5Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 6Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 7Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 8Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 9Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 10Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 11Page - Cree, Inc XHP70A-00-0000-0D0UK40DT Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® XHp70 LED
nominal
CCt
Chromaticity regions
Cri
Minimum Luminous Flux
order Code
Min
typ
Group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
4000 K
5A, 5B, 5C, 5D
0
68
N2
1590
1827
XHP70A-00-0000-0D00N20e5
M4
1485
1707
XHP70A-00-0000-0D00M40e5
70
N2
1590
1827
XHP70A-00-0000-0D0BN20E5
M4
1485
1707
XHP70A-00-0000-0D0BM40E5
80
M4
1485
1707
XHP70A-00-0000-0D0HM40e5
M2
1380
1586
XHP70A-00-0000-0D0HM20e5
90
K4
1290
1482
XHP70A-00-0000-0D0UK40e5
K2
1200
1379
XHP70A-00-0000-0D0UK20e5
J4
1120
1287
XHP70A-00-0000-0D0UJ40E5
3500 K
6A, 6B, 6C, 6D
70
N2
1590
1827
XHP70A-00-0000-0D0BN20E6
M4
1485
1707
XHP70A-00-0000-0D0BM40E6
3000 K
7A, 7B, 7C, 7D
70
M4
1485
1707
XHP70A-00-0000-0D0BM40E7
M2
1380
1586
XHP70A-00-0000-0D0BM20E7
FLuX CHArACtEristiCs, Ansi WHitE orDEr CoDEs AnD bins - ContinuED


Similar Part No. - XHP70A-00-0000-0D0UK40DT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP70.2 CREE-XHP70.2 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20DT CREE-XHP70B-00-0000-0D00N20DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20E1 CREE-XHP70B-00-0000-0D00N20E1 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DT CREE-XHP70B-00-0000-0D00N40DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DV CREE-XHP70B-00-0000-0D00N40DV Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
More results

Similar Description - XHP70A-00-0000-0D0UK40DT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com