Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQ-B Datasheet(PDF) 10 Page - Cree, Inc

Part # XQ-B
Description  XLamp XQ-B LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQ-B Datasheet(HTML) 10 Page - Cree, Inc

Back Button XQ-B Datasheet HTML 3Page - Cree, Inc XQ-B Datasheet HTML 4Page - Cree, Inc XQ-B Datasheet HTML 5Page - Cree, Inc XQ-B Datasheet HTML 6Page - Cree, Inc XQ-B Datasheet HTML 7Page - Cree, Inc XQ-B Datasheet HTML 8Page - Cree, Inc XQ-B Datasheet HTML 9Page - Cree, Inc XQ-B Datasheet HTML 10Page - Cree, Inc XQ-B Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® XQ-B LED
10
TAPE AND REEL
AllCreecarriertapesconformtoEIA-481D,AutomatedComponentHandlingSystemsStandard.
Unless otherwise indicated, all dimensions in mm.
Measurementtolerancesunlessindicatedotherwise:.xx=±.25 mm,.xxx=.±125 mm
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
A
A
.30 ± .10
3.50 ±.10
1.85
1.65
1.750
8.000
NOMINAL
8.30
MAX
1.000
+.10
-.00
1.500
4.000
2.000
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
1
/
1
4.000
A
2402-00023
Carrier Tape, 1.7X1.7 XPQ
5/31/12
D. CRONIN
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±
0.2mm
REFERENCE VENDOR PART NUMBER 021142
CATHODE SIDE
ANODE SIDE
Loaded Pockets
(2,000 Lamps)
Leader
400 mm (min) of
empty pockets with
at least 100 mm
sealed by tape
(50 empty pockets min.)
Trailer
160 mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
Cathode Side
Anode Side
(denoted by + and circle)
2.5 ±.1
1.5 ±.1
8.0 ±.1
4.0 ±.1
1.75 ±.10
12.0 .0
+.3
13mm
7"
Cover Tape
Pocket Tape
User Feed Direction
User Feed Direction


Similar Part No. - XQ-B

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XQ-B MARKTECH-XQ-B Datasheet
37Kb / 2P
   Cree XQ-B White Series on Board
logo
Comchip Technology
XQ-B COMCHIP-XQ-B_15 Datasheet
37Kb / 2P
   Cree XQ-B White Series on Board
More results

Similar Description - XQ-B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
   XLamp XQ-D LED
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com