Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMLHVW-Q0-0000-0000LT451 Datasheet(PDF) 9 Page - Cree, Inc

Part # XMLHVW-Q0-0000-0000LT451
Description  XLamp XM-L HVW LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XMLHVW-Q0-0000-0000LT451 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XMLHVW-Q0-0000-0000LT451 Datasheet HTML 2Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 3Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 4Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 5Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 6Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 7Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 8Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 9Page - Cree, Inc XMLHVW-Q0-0000-0000LT451 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® Xm-L HVW LED
tAPE AnD rEEL
All Cree carrier tapes conform to EIA-481D, Automated Component Handling Systems Standard.
except as noted, all dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
SURFACE FINISH: 63
330
+.25
-.75
12.4
+1.0
-.5
MEASURED AT EDGE
16.4
+0.2
.0
MEASURED AT HUB
12.4
+.2
.0
MEASURED AT HUB
±.2
13.1
1.9±.4
±.4
21
60°
60°
1
/
1
0.500
A
2400-00009
REEL, 13" X 12MM, 3 PIECE SNAP
-
ANTI-STATIC HIPS
--
--
--
--
09/29/09
D. CRONIN
2400-00009
INDEX
QTY
ITEM
COMMENTS
1
1
2400-00009-CORE
2
2
2400-00009-REEL
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
Trailer
160mm (min) of
empty pockets
sealed with tape
(15 pockets min.)
Loaded Pockets
(1000 Lamps)
Leader
400mm (min.) of
empty pockets with
at least 100mm
sealed by tape
(40 empty pockets min.)
12
1.75
4
8
3.35
1
/
1
3.000
B
2402-00012
XM LOADING SPEC
--
--
--
--
--
--
06/08/10
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
A
Loaded pocket count was 750
DDS 11/8/10 BS
B
MADE CATHODE AND ANODE NOTE LARGER
DC
2/26/12
END
START
User Feed Direction
CATHODE SIDE
ANODE SIDE
1
2
3
4
6
5
D
C
B
A
APP'D
DATE
BY
REVISIONS
REV
DESCRIPTION
SIZE
TITLE
OF
REV.
SHEET
A
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
4600 Silicon Drive
Fax (919) 313-5558
Durham, N.C 27703
Phone (919) 313-5300
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
1
/
1
DRAWING SCALE
A
2402-00011
XM 5050 CARRIER TAPE
4/23/10
D. CRONIN
CREE REFERENCE DRAWING FOR TEK-PAK DRAWING 018275
.36[.014]
T
5.40[.213]
Ao
3.35[.132]
Ko
3.0°
5.40[.213]
Bo
2.00[.079]
P2
4.00[.157]
Po
Do1.50 +.10
-.00 .0591
+.0039
-.0000 [ ]
10.25
[.404]
E2
7.0°
12.00[.472]
NOMINAL
12.30 [.484]
MAX
W
1.75[.069]
E1
5.50[.217]F
1.50[.059]
D1
8.00[.315]
P
POCKET SIZE
Ao - 5.40mm [.213"]
Bo - 5.40mm [.213"]
Ko - 3.35mm [.132"]
1
2
3
4
6
5
D
C
B
A
APP'D
DATE
BY
REVISIONS
REV
DESCRIPTION
SIZE
TITLE
OF
REV.
SHEET
A
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
4600 Silicon Drive
Fax (919) 313-5558
Durham, N.C 27703
Phone (919) 313-5300
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
1
/
1
DRAWING SCALE
A
2402-00011
XM 5050 CARRIER TAPE
4/23/10
D. CRONIN
CREE REFERENCE DRAWING FOR TEK-PAK DRAWING 018275
.36[.014]
T
5.40[.213]
Ao
3.35[.132]
Ko
3.0°
5.40[.213]
Bo
2.00[.079]
P2
4.00[.157]
Po
Do1.50 +.10
-.00 .0591
+.0039
-.0000 [ ]
10.25
[.404]
E2
7.0°
12.00[.472]
NOMINAL
12.30 [.484]
MAX
W
1.75[.069]
E1
5.50[.217]F
1.50[.059]
D1
8.00[.315]
P
POCKET SIZE
Ao - 5.40mm [.213"]
Bo - 5.40mm [.213"]
Ko - 3.35mm [.132"]
1
2
3
4
6
5
D
C
B
A
APP'D
DATE
BY
REVISIONS
REV
DESCRIPTION
SIZE
TITLE
OF
REV.
SHEET
A
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
4600 Silicon Drive
Fax (919) 313-5558
Durham, N.C 27703
Phone (919) 313-5300
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
1
/
1
DRAWING SCALE
A
2402-00011
XM 5050 CARRIER TAPE
4/23/10
D. CRONIN
CREE REFERENCE DRAWING FOR TEK-PAK DRAWING 018275
.36[.014]
T
5.40[.213]
Ao
3.35[.132]
Ko
3.0°
5.40[.213]
Bo
2.00[.079]
P2
4.00[.157]
Po
Do1.50 +.10
-.00 .0591
+.0039
-.0000 [ ]
10.25
[.404]
E2
7.0°
12.00[.472]
NOMINAL
12.30 [.484]
MAX
W
1.75[.069]
E1
5.50[.217]F
1.50[.059]
D1
8.00[.315]
P
POCKET SIZE
Ao - 5.40mm [.213"]
Bo - 5.40mm [.213"]
Ko - 3.35mm [.132"]


Similar Part No. - XMLHVW-Q0-0000-0000LT451

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLHVW-Q0-0000-0000LT451 CREE-XMLHVW-Q0-0000-0000LT451 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
More results

Similar Description - XMLHVW-Q0-0000-0000LT451

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
   XLamp XM-L Color LEDs
XMLEZW-00-0000-0B00U450H CREE-XMLEZW-00-0000-0B00U450H Datasheet
1Mb / 22P
   XLamp XM-L EasyWhite짰 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com