Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHGAWT-00-0000-00000PVE7 Datasheet(PDF) 5 Page - Cree, Inc

Part # XHGAWT-00-0000-00000PVE7
Description  XLamp XH-G LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHGAWT-00-0000-00000PVE7 Datasheet(HTML) 5 Page - Cree, Inc

  XHGAWT-00-0000-00000PVE7 Datasheet HTML 1Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 2Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 3Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 4Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 5Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 6Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 7Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 8Page - Cree, Inc XHGAWT-00-0000-00000PVE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® XH-G LED
ELECTRICAL CHARACTERISTICS (T
J = 25 °C)
RELATIvE FLUX vS. CURRENT (T
J = 25 °C)
Electrical Characteristics (Tj = 85ºC)
25
50
75
100
125
150
175
200
225
250
275
300
325
350
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 25ºC)
0
50
100
150
200
250
300
350
400
450
25
50
75
100
125
150
175
200
225
250
275
300
325
350
Forward Current (mA)
5


Similar Part No. - XHGAWT-00-0000-00000PVE7

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XHGV-0000 RALSTON-XHGV-0000 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump
XHGV-0000 RALSTON-XHGV-0000 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump, 1/4" female NPT gauge swivel, 3ft hose, 1/4" MNPT process connection
XHGV-0000 RALSTON-XHGV-0000_14 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump, 1/4" female NPT gauge swivel, 3ft hose, 1/4" MNPT process connection
XHGV-4GBW RALSTON-XHGV-4GBW Datasheet
207Kb / 1P
   5000 psi (350 bar) XHGV pump
XHGV-4GBW RALSTON-XHGV-4GBW_14 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump, 1/2" female BSPP gauge swivel, 1m hose, 1/4창?р? FBSPP process conn
More results

Similar Description - XHGAWT-00-0000-00000PVE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com