Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMLHVW-Q0-0000-0000LT351 Datasheet(PDF) 3 Page - Cree, Inc

Part # XMLHVW-Q0-0000-0000LT351
Description  XLamp XM-L HVW LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XMLHVW-Q0-0000-0000LT351 Datasheet(HTML) 3 Page - Cree, Inc

  XMLHVW-Q0-0000-0000LT351 Datasheet HTML 1Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 2Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 3Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 4Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 5Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 6Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 7Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 8Page - Cree, Inc XMLHVW-Q0-0000-0000LT351 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xm-L HVW LED
rELAtiVE sPECtrAL PoWEr Distribution
rELAtiVE FLuX Vs. JunCtion tEMPErAturE (i
F = 44 mA)
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K - 8300 K CCT
2600 K - 3700 K CCT
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)


Similar Part No. - XMLHVW-Q0-0000-0000LT351

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLHVW-Q0-0000-0000LT351 CREE-XMLHVW-Q0-0000-0000LT351 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
More results

Similar Description - XMLHVW-Q0-0000-0000LT351

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
   XLamp XM-L Color LEDs
XMLEZW-00-0000-0B00U450H CREE-XMLEZW-00-0000-0B00U450H Datasheet
1Mb / 22P
   XLamp XM-L EasyWhite짰 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com