Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP50B-00-0000-0D0UH20E2 Datasheet(PDF) 4 Page - Cree, Inc

Part # XHP50B-00-0000-0D0UH20E2
Description  XLamp XHP50.2 LEDs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP50B-00-0000-0D0UH20E2 Datasheet(HTML) 4 Page - Cree, Inc

  XHP50B-00-0000-0D0UH20E2 Datasheet HTML 1Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 2Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 3Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 4Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 5Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 6Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 7Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 8Page - Cree, Inc XHP50B-00-0000-0D0UH20E2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp XHP50.2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
44
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® XHp50.2 LED
nominal
CCt
Cri
Minimum Luminous Flux
2-step
3-step
5-step
Min
typ
Group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
Group
order Code
Group
order Code
Group
order Code
3500 K
70
J4
1120
1239
35e
XHP50B-00-0000-
0D0BJ435E
J2
1040
1151
XHP50B-00-0000-
0D0BJ235E
80
H4
970
1073
35H
XHP50B-00-0000-
0D0HH435H
35G
XHP50B-00-0000-
0D0HH435G
H2
900
996
XHP50B-00-0000-
0D0HH235H
XHP50B-00-0000-
0D0HH235G
90
G4
840
930
35H
XHP50B-00-0000-
0D0UG435H
35G
XHP50B-00-0000-
0D0UG435G
G2
780
863
XHP50B-00-0000-
0D0UG235H
XHP50B-00-0000-
0D0UG235G
3000 K
70
J2
1040
1151
30e
XHP50B-00-0000-
0D0BJ230E
H4
970
1073
XHP50B-00-0000-
0D0BH430e
80
H4
970
1073
30H
XHP50B-00-0000-
0D0HH430H
30G
XHP50B-00-0000-
0D0HH430G
H2
900
996
XHP50B-00-0000-
0D0HH230H
XHP50B-00-0000-
0D0HH230G
90
G4
840
930
30H
XHP50B-00-0000-
0D0UG430H
30G
XHP50B-00-0000-
0D0UG430G
G2
780
863
XHP50B-00-0000-
0D0UG230H
XHP50B-00-0000-
0D0UG230G
2700 K
80
H2
900
996
27H
XHP50B-00-0000-
0D0HH227H
27G
XHP50B-00-0000-
0D0HH227G
G4
840
930
XHP50B-00-0000-
0D0HG427H
XHP50B-00-0000-
0D0HG427G
90
G2
780
863
27H
XHP50B-00-0000-
0D0UG227H
27G
XHP50B-00-0000-
0D0UG227G
F4
730
808
XHP50B-00-0000-
0D0UF427H
XHP50B-00-0000-
0D0UF427G
FLuX CHArACtEristiCs, EAsyWHitE® orDEr CoDEs AnD bins - ContinuED


Similar Part No. - XHP50B-00-0000-0D0UH20E2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results

Similar Description - XHP50B-00-0000-0D0UH20E2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com