Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP50B-00-0000-0D0HH40E2 Datasheet(PDF) 1 Page - Cree, Inc

Part # XHP50B-00-0000-0D0HH40E2
Description  XLamp XHP50.2 LEDs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP50B-00-0000-0D0HH40E2 Datasheet(HTML) 1 Page - Cree, Inc

  XHP50B-00-0000-0D0HH40E2 Datasheet HTML 1Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 2Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 3Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 4Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 5Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 6Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 7Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 8Page - Cree, Inc XHP50B-00-0000-0D0HH40E2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
11
Product family data sheet
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite®
are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XHP50.2 LEDs
ProDuCt DEsCriPtion
The XLamp XHP50.2 LeD is the next
generation of extreme High Power LeDs
that delivers the lowest system cost
through the best lumen density, reliability
and color consistency. Built on Cree’s
latest high-power LeD technology, the
XHP50.2 LeD improves the lumen density,
voltage characteristics, reliability and
optical performance of the XHP50 LeD in
the same 5.0 mm x 5.0 mm footprint. The
new XHP50.2 LeD provides an easy drop-in
upgrade to achieve higher system LPW
for lighting manufacturers with existing
XHP50 designs, eliminating redesign costs.
Its unparalleled lumen density and longer
lifetime at higher operating temperatures
also enables new and innovative lighting
designs at lower system costs.
FEAturEs
• Available in white, configurable to 6 V
or 12 V by PCB layout
• Available in 5-step easyWhite® bins
at 3000 K to 5000 K CCT, 3-step
EasyWhite bins at 2700 K to 5000 K
and 2-step EasyWhite bins at 2700 K
to 4000 K CCT
• Available in ANSI white bins at
3000 K to 7000 K CCT
• Available in standard, 70-, 80-, and
90-minimum CRI options
• Binned at 85 °C
• Maximum drive current: 3000 mA
(6 V), 1500 mA (12 V)
• Low thermal resistance: 1.2 °C/W
• Wide viewing angle: 120°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• UL® recognized component
(E349212)
tAbLE oF ContEnts
Characteristics ..............................................2
Flux Characteristics, easyWhite® Order
Codes and Bins .............................................3
Flux Characteristics, ANSI White Order
Codes and Bins .............................................5
Relative Spectral Power Distribution ...........7
Relative Flux vs. Junction Temperature.......7
electrical Characteristics..............................8
Relative Flux vs. Current ...............................9
Relative Chromaticity vs Current............... 10
Relative Chromaticity vs Temperature...... 11
Typical Spatial Distribution........................ 11
Thermal Design.......................................... 12
Performance Groups – Luminous Flux..... 13
Performance Groups – Chromaticity........ 13
Cree’s easyWhite® Chromaticity Regions
Plotted on the 1931 CIe Curve .................. 16
Cree’s ANSI Cool White Kits Plotted on
ANSI Standard Chromaticity Regions....... 17
Cree’s ANSI Warm and Neutral White Kits
Plotted on ANSI Standard Chromaticity
Regions....................................................... 18
Bin and Order Code Formats..................... 19
Reflow Soldering Characteristics.............. 20
Notes .......................................................... 21
Mechanical Dimensions ............................ 22
Electrical Configuration ............................. 23
Tape and Reel............................................. 24
Packaging................................................... 25


Similar Part No. - XHP50B-00-0000-0D0HH40E2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results

Similar Description - XHP50B-00-0000-0D0HH40E2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com