Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SCR542F3 Datasheet(PDF) 7 Page - Rohm

Part # 2SCR542F3
Description  NPN 3.0A 30V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR542F3 Datasheet(HTML) 7 Page - Rohm

  2SCR542F3 Datasheet HTML 1Page - Rohm 2SCR542F3 Datasheet HTML 2Page - Rohm 2SCR542F3 Datasheet HTML 3Page - Rohm 2SCR542F3 Datasheet HTML 4Page - Rohm 2SCR542F3 Datasheet HTML 5Page - Rohm 2SCR542F3 Datasheet HTML 6Page - Rohm 2SCR542F3 Datasheet HTML 7Page - Rohm 2SCR542F3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - 2SCR542F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR542D ROHM-2SCR542D Datasheet
498Kb / 6P
   Midium Power Transistors (30V / 5A)
logo
Inchange Semiconductor ...
2SCR542D ISC-2SCR542D Datasheet
308Kb / 2P
   isc Silicon NPN Power Transistors
logo
Rohm
2SCR542P ROHM-2SCR542P Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
   NPN 5.0A 30V Middle Power Transistor
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
More results

Similar Description - 2SCR542F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
   NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
   NPN 5.0A 30V Middle Power Transistor
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
   NPN 6A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com