Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SAR542P Datasheet(PDF) 6 Page - Rohm

Part No. 2SAR542P
Description  PNP -5.0A -30V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

2SAR542P Datasheet(HTML) 6 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR542P
lDimensions (Unit : mm)
Dimension in mm / inches
MPT3
b1
D
A
b
x S A
e1
b2
e
c
y S
b3
b5
b4
e1
e
S
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
1.40
1.50
0.055
0.059
b
0.30
0.50
0.012
0.020
b1
1.50
1.70
0.059
0.067
b2
0.40
0.60
0.016
0.024
c
0.35
0.50
0.014
0.020
D
4.40
4.70
0.173
0.185
E
2.40
2.70
0.094
0.106
e
e1
HE
3.70
4.30
0.146
0.169
LE
0.80
1.20
0.031
0.047
Lp
1.01
1.41
0.040
0.056
x
-
0.15
-
0.006
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b3
-
0.65
-
0.026
b4
-
1.70
-
0.067
b5
-
0.75
-
0.030
l1
-
1.71
-
0.067
l2
-
0.58
-
0.023
l3
-
3.72
-
0.146
β
45°
45°
DIM
MILIMETERS
INCHES
3.00
0.118
1.50
0.059
DIM
MILIMETERS
INCHES
6/6
2014.02 - Rev.C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn