Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SAR542P Datasheet(PDF) 4 Page - Rohm

Part No. 2SAR542P
Description  PNP -5.0A -30V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

2SAR542P Datasheet(HTML) 4 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR542P
lElectrical characteristic curves(Ta = 25°C)
-0.1
-1
-10
-1
-10
-100
-1000
-10000
I
C / IB = 20
Pulsed
Ta=
-40ºC
25ºC
75ºC
125ºC
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
I
C / IB = 20
Ta=125ºC
75ºC
25ºC
-40ºC
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
I
C / IB = 50
20
10
Ta=25ºC
10
100
1000
10
100
1000
Ta=25ºC
V
CE= -10V
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : I
C [mA]
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : I
C [mA]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : I
C [mA]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT :I
E [mA]
4/6
2014.02 - Rev.C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn